Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 115 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 111Page - Analog Devices AD9689-2000EBZ Datasheet HTML 112Page - Analog Devices AD9689-2000EBZ Datasheet HTML 113Page - Analog Devices AD9689-2000EBZ Datasheet HTML 114Page - Analog Devices AD9689-2000EBZ Datasheet HTML 115Page - Analog Devices AD9689-2000EBZ Datasheet HTML 116Page - Analog Devices AD9689-2000EBZ Datasheet HTML 117Page - Analog Devices AD9689-2000EBZ Datasheet HTML 118Page - Analog Devices AD9689-2000EBZ Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 115 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x037E DDC3 Phase
Offset 1
[7:0] DDC3 phase
offset[15:8]
Twos complement POW for the NCO.
0x0
R/W
0x037F DDC3 Phase
Offset 2
[7:0] DDC3 phase
offset[23:16]
Twos complement POW for the NCO.
0x0
R/W
0x0380 DDC3 Phase
Offset 3
[7:0] DDC3 phase
offset[31:24]
Twos complement POW for the NCO.
0x0
R/W
0x0381 DDC3 Phase
Offset 4
[7:0] DDC3 phase
offset[39:32]
Twos complement POW for the NCO.
0x0
R/W
0x0382 DDC3 Phase
Offset 5
[7:0] DDC3 phase
offset[47:40]
Twos complement POW for the NCO.
0x0
R/W
0x0387 DDC3 test
enable
[7:3] Reserved
Reserved.
0x0
R
2
DDC3 Q output test
mode enable
Q samples always use Test Mode B block. The test mode is
selected using the channel dependent Register 0x0550, Bits[3:0].
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
1
Reserved
Reserved.
0x0
R
0
DDC3 I output test
mode enable
I samples always use Test Mode A block. The test mode is selected
using the channel dependent Register 0x0550, Bits[3:0].
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
0x0390 DDC0 Phase
Increment
Frac A0
[7:0] DDC0 Phase
Increment
Frac A[7:0]
Numerator correction term for Phase Accumulator MAW
0x0
R/W
0x0391 DDC0 Phase
Increment
Frac A1
[7:0] DDC0 Phase
Increment
Frac A[15:8]
Numerator correction term for MAW.
0x0
R/W
0x0392 DDC0 Phase
Increment
Frac A2
[7:0] DDC0 Phase
Increment
Frac A[23:16]
Numerator correction term for MAW.
0x0
R/W
0x0393 DDC0 Phase
Increment
Frac A3
[7:0] DDC0 Phase
Increment
Frac A[31:24]
Numerator correction term for MAW.
0x0
R/W
0x0394 DDC0 Phase
Increment
Frac A4
[7:0] DDC0 Phase
Increment
Frac A[39:32]
Numerator correction term for MAW.
0x0
R/W
0x0395 DDC0 Phase
Increment
Frac A5
[7:0] DDC0 Phase
Increment
Frac A[47:40]
Numerator correction term for MAW.
0x0
R/W
0x0398 DDC0 Phase
Increment
Frac B0
[7:0] DDC0 Phase
Increment
Frac B[7:0]
Denominator correction term for Phase Accumulator MBW
0x0
R/W
0x0399 DDC0 Phase
Increment
Frac B1
[7:0] DDC0 Phase
Increment
Frac B[15:8]
Denominator correction term for MBW.
0x0
R/W
0x039A DDC0 Phase
Increment
Frac B2
[7:0] DDC0 Phase
Increment
Frac B[23:16]
Denominator correction term for MBW.
0x0
R/W
0x039B DDC0 Phase
Increment
Frac B3
[7:0] DDC0 Phase
Increment
Frac B[31:24]
Denominator correction term for MBW.
0x0
R/W
0x039C DDC0 Phase
Increment
Frac B4
[7:0] DDC0 Phase
Increment
Frac B[39:32]
Denominator correction term for MBW.
0x0
R/W
0x039D DDC0 Phase
Increment
Frac B5
[7:0] DDC0 Phase
Increment
Frac B[47:40]
Denominator correction term for MBW.
0x0
R/W
0x03A0 DDC1 Phase
Increment
Frac A0
[7:0] DDC1 Phase
Increment
Frac A[7:0]
Numerator correction term for MAW.
0x0
R/W
0x03A1 DDC1 Phase
Increment
Frac A1
[7:0] DDC1 Phase
Increment
Frac A[15:8]
Numerator correction term for MAW.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com