Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 123 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 123 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 119Page - Analog Devices AD9689-2000EBZ Datasheet HTML 120Page - Analog Devices AD9689-2000EBZ Datasheet HTML 121Page - Analog Devices AD9689-2000EBZ Datasheet HTML 122Page - Analog Devices AD9689-2000EBZ Datasheet HTML 123Page - Analog Devices AD9689-2000EBZ Datasheet HTML 124Page - Analog Devices AD9689-2000EBZ Datasheet HTML 125Page - Analog Devices AD9689-2000EBZ Datasheet HTML 126Page - Analog Devices AD9689-2000EBZ Datasheet HTML 127Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 123 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x0590 JESD204B
SCV NP
configuration
[7:5] Subclass support
0x1
R/W
000
Subclass 0.
001
Subclass 1.
[4:0] ADC number of bits
per sample (N')
0xF
R/W
0 0111
N' = 8.
0 1011
N' = 12
0 1111
N' = 16.
0x0591 JESD204B JV S
configuration
[7:5] Reserved
Reserved.
0x1
R
[4:0] Samples per converter
frame cycle (S)
Samples per converter frame cycle
(S = 0x0591[4:0] + 1).
0x0
R
0x0592 JESD204B
HD CF
configuration
7
HD value
0x0
R
0
High density format disabled.
1
High density format enabled.
[6:5] Reserved
Reserved.
0x0
R
[4:0] Control words per
frame clock cycle per
link (CF)
Number of control words per frame clock cycle per link (CF = Register
0x0592, Bits[4:0]).
0x0
R
0x05A0 JESD204B
Checksum 0
configuration
[7:0] Checksum 0
checksum value for
SERDOUT0±
Serial checksum value for Lane 0. Automatically calculated for each
lane. Sum(all link configuration parameters for Lane 0) mod 256.
0xC3
R
0x05A1 JESD204B
Checksum 1
configuration
[7:0] Checksum 1
checksum value for
SERDOUT1±
Serial checksum value for Lane 1. Automatically calculated for each
lane. Sum(all link configuration parameters for Lane 1) mod 256.
0xC4
R
0x05A2 JESD204B
Checksum 2
configuration
[7:0] Checksum 2
checksum value for
SERDOUT2±
Serial checksum value for Lane 2. Automatically calculated for each
lane. Sum(all link configuration parameters for each lane) mod 256.
0xC5
R
0x05A3 JESD204B
Checksum 3
configuration
[7:0] Checksum 3
checksum value for
SERDOUT3±
Serial checksum value for Lane 3. Automatically calculated for each
lane. Sum(all link configuration parameters for Lane 3) mod 256.
0xC6
R
0x05B0 JESD204B
lane power-
down
7
JESD204B Lane 7
power-down
Physical Lane 7 force power-down.
0x0
R/W
0
SERDOUT7± normal operation.
1
SERDOUT7± power-down.
6
JESD204B Lane 6
power-down
Physical Lane 6 force power-down.
0x0
R/W
0
SERDOUT6± normal operation.
1
SERDOUT6± power-down.
5
JESD204B Lane 5
power-down
Physical Lane 5 force power-down.
0x0
R/W
0
SERDOUT5± normal operation.
1
SERDOUT5± power-down.
4
JESD204B Lane 4
power-down
Physical Lane 4 force power-down.
0x0
R/W
0
SERDOUT4± normal operation.
1
SERDOUT4± power-down.
3
JESD204B Lane 3
power-down
Physical Lane 3 force power-down.
0x0
R/W
0
SERDOUT3± normal operation.
1
SERDOUT3± power-down.
2
JESD204B Lane 2
power-down
Physical Lane 2 force power-down.
0x0
R/W
0
SERDOUT2± normal operation.
1
SERDOUT2± power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com