Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 129 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 129 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 125Page - Analog Devices AD9689-2000EBZ Datasheet HTML 126Page - Analog Devices AD9689-2000EBZ Datasheet HTML 127Page - Analog Devices AD9689-2000EBZ Datasheet HTML 128Page - Analog Devices AD9689-2000EBZ Datasheet HTML 129Page - Analog Devices AD9689-2000EBZ Datasheet HTML 130Page - Analog Devices AD9689-2000EBZ Datasheet HTML 131Page - Analog Devices AD9689-2000EBZ Datasheet HTML 132Page - Analog Devices AD9689-2000EBZ Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 129 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x1262 JESD204B PLL
LOL bit
control
[7:0] JESD204B PLL loss of
lock bit clear
See Table 32.
0x00
R/W
0x00
Loss of lock bit normal operation.
0x80
Clear loss of lock bit.
Programmable Filter (PFILT) Control and Coefficients Registers
Table 52.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0DF8 Programmable
filter control
[7:3] Reserved
Reserved.
0x0
R
[2:0] Programmable filter
mode
PFILT mode. The asterisk symbol (*) denotes convolution.
0x0
R/W
000
Disabled (filters bypassed).
001
Single filter (X only).
DOUT_I[n] = DIN_I[n] * X_I[n]
DOUT_Q[n] = DIN_Q[n] * X_Q[n]
010
Single filter (X and Y together)
DOUT_I[n] = DIN_I[n] * XY_I[n]
DOUT_Q[n] = DIN_Q[n] * XY_Q[n]
100
Cascaded filters (X to Y).
DOUT_I[n] = DIN_I[n] * X_I[n] * Y_I[n]
DOUT_Q[n] = DIN_Q[n] * X_Q[n] * Y_Q[n]
DOUT_Q[n] = DIN_Q[n] * X_Q[n] * Y_Q[n]
101
Complex filters.
DOUT_I[n] = DIN_I[n] * X_I[n] + DIN_Q[n] * Y_Q[n]
DOUT_Q[n] = DIN_Q[n] * X_Q[n] + DIN_I[n] * Y_I[n]
110
Half complex filter.
DOUT_I[n] = DIN_I[n]
DOUT_Q[n] = DIN_Q[n] * XY_Q[n] + DIN_I[n] * XY_I[n]
111
Real 96-tap filter.
DOUT_I[n] = DIN_I[n] * XY_I[n].
DOUT_Q[n] = DIN_Q[n] * XY_Q[n]
0x0DF9 PFILT gain
7
Reserved
Reserved.
0x0
R
[6:4] PFILT Y gain
PFILT Y gain.
0x0
R/W
110
−12 dB loss.
111
−6 dB loss.
000
0 dB gain.
001
+6 dB gain.
010
+12 dB gain.
3
Reserved
Reserved.
0x0
R
[2:0] PFILT X gain
PFILT X gain.
0x0
R/W
110
−12 dB loss.
111
−6 dB loss.
000
0 dB gain.
001
+6 dB gain.
010
+12 dB gain.
0x0E00
to
0x0E7F
Programmable
Filter X
Coefficient x
[7:0] Programmable Filter X
Coefficient 0 to 127
Refer to the I coefficient table (Table 14) and the Q coefficient table
(Table 15) in the Programmable FIR Filters section for details.
Coefficients are only applied after the chip transfer bit
(Register 0x000F, Bit 0) is set.
0x0
R/W
0x0F00
to
0x0F7F
Programmable
Filter Y Coefficient
x
[7:0] Programmable Filter Y
Coefficient 0 to 127
Refer to the I coefficient table (Table 14) and the Q coefficient table
(Table 15) in the Programmable FIR Filters section for details.
Coefficients are only applied after the chip transfer bit
(Register 0x000F, Bit 0) is set.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com