Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 108 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 108 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 104Page - Cirrus Logic CS47L35 Datasheet HTML 105Page - Cirrus Logic CS47L35 Datasheet HTML 106Page - Cirrus Logic CS47L35 Datasheet HTML 107Page - Cirrus Logic CS47L35 Datasheet HTML 108Page - Cirrus Logic CS47L35 Datasheet HTML 109Page - Cirrus Logic CS47L35 Datasheet HTML 110Page - Cirrus Logic CS47L35 Datasheet HTML 111Page - Cirrus Logic CS47L35 Datasheet HTML 112Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 300 page
background image
108
DS1085F3
CS47L35
4.6 Digital Audio Interface
Figure 4-34. Typical AIF Connections
In the general case, the digital audio interface uses four pins:
• TXDAT: data output
• RXDAT: data input
• BCLK: bit clock, for synchronization
• LRCLK: left/right data-alignment clock
In Master Mode, the clock signals BCLK and LRCLK are outputs from the CS47L35. In Slave Mode, these signals are
inputs, as shown in Section 4.6.1.
The following interface formats are supported on AIF1–AIF3:
• DSP Mode A.
• DSP Mode B
•I2S
• Left-justified
The left-justified and DSP-B formats are valid in Master Mode only (i.e., BCLK and LRCLK are outputs from the CS47L35).
These modes cannot be supported in Slave Mode.
The audio interface formats are described in Section 4.6.2. The bit order is MSB-first in each case; data words are encoded
in 2’s complement format. Mono PCM operation can be supported using the DSP modes. Refer to Table 3-16 through
Table 3-18 for signal timing information.
Audio Interface 1
Audio Interface 2
Audio Interface 3
HDMI
Device
Baseband
Processor
Wireless
Transceiver
SLIMbus interface
Applications
Processor
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com