Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 110 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 110 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 106Page - Cirrus Logic CS47L35 Datasheet HTML 107Page - Cirrus Logic CS47L35 Datasheet HTML 108Page - Cirrus Logic CS47L35 Datasheet HTML 109Page - Cirrus Logic CS47L35 Datasheet HTML 110Page - Cirrus Logic CS47L35 Datasheet HTML 111Page - Cirrus Logic CS47L35 Datasheet HTML 112Page - Cirrus Logic CS47L35 Datasheet HTML 113Page - Cirrus Logic CS47L35 Datasheet HTML 114Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 300 page
background image
110
DS1085F3
CS47L35
4.6 Digital Audio Interface
DSP Mode A data format is shown in Fig. 4-37.
Figure 4-37. DSP Mode A Data Format
DSP Mode B data format is shown in Fig. 4-38.
Figure 4-38. DSP Mode B Data Format
•In I2S Mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition. The other bits
up to the LSB are then transmitted in order. Depending on word length, BCLK frequency, and sample rate, there
may be unused BCLK cycles between the LSB of one sample and the MSB of the next.
I2S Mode data format is shown in Fig. 4-39.
Figure 4-39. I2S Data Format (Assuming n-Bit Word Length)
• In Left-Justified Mode, the MSB is available on the first rising edge of BCLK following a LRCLK transition. The other
bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency, and sample rate, there
may be unused BCLK cycles before each LRCLK transition.
Left-Justified Mode data format is shown in Fig. 4-40.
Figure 4-40. Left-Justified Data Format (Assuming n-Bit Word Length)
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/Fs
LRCLK
BCLK
RXDAT/
TXDAT
1 BCLK
In Slave Mode, the falling edge can occur anywhere in this area
1 BCLK
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/Fs
LRCLK
BCLK
RXDAT/
TXDAT
1 BCLK
1 BCLK
In Slave Mode, the falling edge can occur anywhere in this area
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/Fs
LRCLK
BCLK
RXDAT/
TXDAT
1 BCLK
1 BCLK
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/Fs
LRCLK
BCLK
RXDAT/
TXDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com