Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 111 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 111 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 107Page - Cirrus Logic CS47L35 Datasheet HTML 108Page - Cirrus Logic CS47L35 Datasheet HTML 109Page - Cirrus Logic CS47L35 Datasheet HTML 110Page - Cirrus Logic CS47L35 Datasheet HTML 111Page - Cirrus Logic CS47L35 Datasheet HTML 112Page - Cirrus Logic CS47L35 Datasheet HTML 113Page - Cirrus Logic CS47L35 Datasheet HTML 114Page - Cirrus Logic CS47L35 Datasheet HTML 115Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 300 page
background image
DS1085F3
111
CS47L35
4.6 Digital Audio Interface
4.6.3
AIF Time-Slot Configuration
Digital audio interface AIF1 supports multichannel operation, with up to six channels of input and output in each case. A
high degree of flexibility is provided to define the position of the audio samples within each LRCLK frame; the audio
channel samples may be arranged in any order within the frame.
AIF2 and AIF3 also provide flexible configuration options, but these interfaces support only one stereo input and one
stereo output path.
Note that, on each interface, all input and output channels must operate at the same sample rate (Fs).
Each of the audio channels can be enabled or disabled independently on the transmit (TX) and receive (RX) signal paths.
For each enabled channel, the audio samples are assigned to one time slot within the LRCLK frame.
In DSP modes, the time slots are ordered consecutively from the start of the LRCLK frame. In I2S and left-justified modes,
the even-numbered time slots are arranged in the first half of the LRCLK frame, and the odd-numbered time slots are
arranged in the second half of the frame.
The time slots are assigned independently for the transmit (TX) and receive (RX) signal paths. There is no requirement to
assign every available time slot to an audio sample; slots may be left unused, if desired. Care is required, however, to
ensure that no time slot is allocated to more than one audio channel.
The number of BCLK cycles within a slot is configurable; this is the slot-length. The number of valid data bits within a slot
is also configurable; this is the word length. The number of BCLK cycles per LRCLK frame must be configured; it must be
ensured that there are enough BCLK cycles within each LRCLK frame to transmit or receive all of the enabled audio
channels.
Examples of the AIF time-slot configurations are shown in Fig. 4-41 through Fig. 4-44. One example is shown for each of
the four possible data formats.
Fig. 4-41 shows an example of DSP Mode A format. Four enabled audio channels are shown, allocated to time slots 0
through 3.
Figure 4-41. DSP Mode A Example
LRCLK
Slot 0 Slot 1 Slot 2 Slot 3 Slot 4 Slot 5 Slot 6 Slot 7
...
Slot 0
Slot 3
AIF1[TX1/RX1]_SLOT = 0
Channel 1
Channel 2
Channel 3
Channel 4
BCLK
TXDAT/
RXDAT
Slot 1
Slot 2
AIF1[TX2/RX2]_SLOT = 1
AIF1[TX3/RX3]_SLOT = 2
AIF1[TX4/RX4]_SLOT = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com