Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 115 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 115 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 111Page - Cirrus Logic CS47L35 Datasheet HTML 112Page - Cirrus Logic CS47L35 Datasheet HTML 113Page - Cirrus Logic CS47L35 Datasheet HTML 114Page - Cirrus Logic CS47L35 Datasheet HTML 115Page - Cirrus Logic CS47L35 Datasheet HTML 116Page - Cirrus Logic CS47L35 Datasheet HTML 117Page - Cirrus Logic CS47L35 Datasheet HTML 118Page - Cirrus Logic CS47L35 Datasheet HTML 119Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 300 page
background image
DS1085F3
115
CS47L35
4.7 Digital Audio Interface Control
4.7.2
AIF Pin Configuration
The external connections associated with each digital audio interface (AIF) are implemented on multi-function GPIO pins,
which must be configured for the respective AIF functions when required. The AIF connections are pin-specific alternative
functions available on specific GPIO pins. See Section 4.14 to configure the GPIO pins for AIF operation.
Integrated pull-up and pull-down resistors can be enabled on the AIFnLRCLK, AIFnBCLK and AIFnRXDAT pins. This is
provided as part of the GPIO functionality, and provides a flexible capability for interfacing with other devices. Each of the
pull-up and pull-down resistors can be configured independently using the fields described in Table 4-83.
If the pull-up and pull-down resistors are both enabled, the CS47L35 provides a bus keeper function on the respective pin.
The bus-keeper function holds the logic level unchanged whenever the pin is undriven (e.g., if the signal is tristated).
4.7.3
AIF Master/Slave Control
The digital audio interfaces can operate in master or slave modes and also in mixed master/slave configurations. In Master
Mode, the BCLK and LRCLK signals are generated by the CS47L35 when any of the respective digital audio interface
channels is enabled. In Slave Mode, these outputs are disabled by default to allow another device to drive these pins.
Master Mode is selected on the AIFnBCLK pin by setting AIFn_BCLK_MSTR. In Master Mode, the AIFnBCLK signal is
generated by the CS47L35 when one or more AIFn channels is enabled.
When the AIFn_BCLK_FRC bit is set in BCLK Master Mode, the AIFnBCLK signal is output at all times, including when
none of the AIFn channels is enabled. The AIFn_BCLK_FRC bit should be held at 0 if SYSCLK is not enabled. SYSCLK
must be present and enabled before setting the AIFn_BCLK_FRC bit. See Section 4.16.4 for further details (including
requirements for reconfiguring SYSCLK while AIF clock signals are enabled).
The AIFnBCLK signal can be inverted in master or slave modes using the AIFn_BCLK_INV bit.
Master Mode is selected on the AIFnLRCLK pin by setting AIFn_LRCLK_MSTR. In Master Mode, the AIFnLRCLK signal
is generated by the CS47L35 when one or more AIFn channels is enabled.
When AIFn_LRCLK_FRC is set in LRCLK Master Mode, the AIFnLRCLK signal is output at all times, including when none
of the AIFn channels is enabled. Note that AIFnLRCLK is derived from AIFnBCLK, and an internal or external AIFnBCLK
signal must be present to generate AIFnLRCLK. The AIFn_LRCLK_FRC bit should be held at 0 if SYSCLK is not enabled.
SYSCLK must be present and enabled before setting the AIFn_LRCLK_FRC bit. See Section 4.16.4 for further details
(including requirements for reconfiguring SYSCLK while AIF clock signals are enabled).
The AIFnLRCLK signal can be inverted in master or slave modes using the AIFn_LRCLK_INV bit.
The timing of the AIFnLRCLK signal is selectable using AIFn_LRCLK_ADV. If this bit is set, the LRCLK signal transition
is advanced to the previous BCLK phase (as compared with the default behavior). Further details of this option, and
conditions for valid use cases, are described in Section 4.7.3.1.
The AIF1 master/slave control registers are described in Table 4-35.
Table 4-35. AIF1 Master/Slave Control
Register Address Bit
Label
Default
Description
R1280 (0x0500)
AIF1_BCLK_Ctrl
7AIF1_
BCLK_INV
0
AIF1 Audio Interface BCLK Invert
0 = AIF1BCLK not inverted
1 = AIF1BCLK inverted
6AIF1_
BCLK_FRC
0
AIF1 Audio Interface BCLK Output Control
0 = Normal
1 = AIF1BCLK always enabled in Master Mode
5AIF1_
BCLK_
MSTR
0
AIF1 Audio Interface BCLK Master Select
0 = AIF1BCLK Slave Mode
1 = AIF1BCLK Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com