Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 119 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 119 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 115Page - Cirrus Logic CS47L35 Datasheet HTML 116Page - Cirrus Logic CS47L35 Datasheet HTML 117Page - Cirrus Logic CS47L35 Datasheet HTML 118Page - Cirrus Logic CS47L35 Datasheet HTML 119Page - Cirrus Logic CS47L35 Datasheet HTML 120Page - Cirrus Logic CS47L35 Datasheet HTML 121Page - Cirrus Logic CS47L35 Datasheet HTML 122Page - Cirrus Logic CS47L35 Datasheet HTML 123Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 300 page
background image
DS1085F3
119
CS47L35
4.7 Digital Audio Interface Control
The AIF3 signal-path-enable bits are described in Table 4-40.
4.7.5
AIF BCLK and LRCLK Control
The AIFnBCLK frequency is selected using the AIFn_BCLK_FREQ field. For each setting of this field, the actual frequency
depends on whether AIFn is configured for a 48-kHz-related sample rate (SAMPLE_RATE_n = 01XXX or 10XXX) or a
44.1kHz-related sample rate (SAMPLE_RATE_n = 10XXX), as described in Table 4-41 through Table 4-43.
The selected AIFnBCLK rate must be less than or equal to SYSCLK/2. See Section 4.16 for details of SYSCLK clock
domain, and the associated control registers.
The AIFnLRCLK frequency is controlled relative to AIFnBCLK by the AIFn_BCPF divider.
Note that the BCLK rate must be configured in master or slave modes, using the AIFn_BCLK_FREQ fields. The LRCLK
rates only require to be configured in Master Mode.
The AIF1 BCLK/LRCLK control fields are described in Table 4-41.
Table 4-40. AIF3 Signal Path Enable
Register Address
Bit
Label
Default
Description
R1433 (0x0599)
AIF3_Tx_Enables
1
AIF3TX2_ENA
0
AIF3 Audio Interface TX Channel 2 Enable
0 = Disabled
1 = Enabled
0
AIF3TX1_ENA
0
AIF3 Audio Interface TX Channel 1 Enable
0 = Disabled
1 = Enabled
R1434 (0x059A)
AIF3_Rx_Enables
1
AIF3RX2_ENA
0
AIF3 Audio Interface RX Channel 2 Enable
0 = Disabled
1 = Enabled
0
AIF3RX1_ENA
0
AIF3 Audio Interface RX Channel 1 Enable
0 = Disabled
1 = Enabled
Table 4-41. AIF1 BCLK and LRCLK Control
Register
Address
Bit
Label
Default
Description
R1280
(0x0500)
AIF1_
BCLK_Ctrl
4:0 AIF1_BCLK_
FREQ[4:0]
0x0C AIF1BCLK Rate. The AIF1BCLK rate must be less than or equal to SYSCLK/2.
0x00–0x01 = Reserved
0x02 = 64 kHz (58.8 kHz)
0x03 = 96 kHz (88.2 kHz)
0x04 = 128 kHz (117.6 kHz)
0x05 = 192 kHz (176.4 kHz)
0x06 = 256 kHz (235.2 kHz)
0x07 = 384 kHz (352.8 kHz)
0x08 = 512 kHz (470.4 kHz)
0x09 = 768 kHz (705.6 kHz)
0x0A = 1.024 MHz (940.8 kHz)
0x0B = 1.536 MHz (1.4112 MHz)
0x0C = 2.048 MHz (1.8816 MHz)
0x0D = 3.072 MHz (2.8824 MHz)
0x0E = 4.096 MHz (3.7632 MHz)
0x0F = 6.144 MHz (5.6448 MHz)
0x10 = 8.192 MHz (7.5264 MHz)
0x11 = 12.288 MHz (11.2896 MHz)
0x12 = 24.576 MHz (22.5792 MHz)
The frequencies in brackets apply for 44.1 kHz–related sample rates only (SAMPLE_RATE_
n
=01XXX).
R1286
(0x0506)
AIF1_Rx_
BCLK_Rate
12:0 AIF1_
BCPF[12:0]
0x0040 AIF1LRCLK Rate. Selects the number of BCLK cycles per AIF1LRCLK frame. AIF1LRCLK
clock = AIF1BCLK/AIF1_BCPF.
Integer (LSB = 1), Valid from 8 to 8191.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com