Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 120 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 120 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 116Page - Cirrus Logic CS47L35 Datasheet HTML 117Page - Cirrus Logic CS47L35 Datasheet HTML 118Page - Cirrus Logic CS47L35 Datasheet HTML 119Page - Cirrus Logic CS47L35 Datasheet HTML 120Page - Cirrus Logic CS47L35 Datasheet HTML 121Page - Cirrus Logic CS47L35 Datasheet HTML 122Page - Cirrus Logic CS47L35 Datasheet HTML 123Page - Cirrus Logic CS47L35 Datasheet HTML 124Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 300 page
background image
120
DS1085F3
CS47L35
4.7 Digital Audio Interface Control
The AIF2 BCLK/LRCLK control fields are described in Table 4-42.
The AIF3 BCLK/LRCLK control fields are described in Table 4-43.
4.7.6
AIF Digital Audio Data Control
The fields controlling the audio data format, word length, and slot configurations for AIF1, AIF2, and AIF3 are described
in Table 4-44, Table 4-45, and Table 4-46 respectively.
Note that left-justified and DSP-B modes are valid in Master Mode only (i.e., BCLK and LRCLK are outputs from the
CS47L35).
The AIFn slot length is the number of BCLK cycles in one time slot within the overall LRCLK frame. The word length is the
number of valid data bits within each time slot. If the word length is less than the slot length, there are unused BCLK cycles
at the end of each time slot. The AIFn word length and slot length is independently selectable for the input (RX) and output
(TX) paths.
For each AIF input (RX) and AIF output (TX) channel, the position of the audio data sample within the LRCLK frame is
configurable. The x_SLOT fields define the time-slot position of the audio sample for the associated audio channel. Valid
selections are Slot 0 upwards. The time slots are numbered as shown in Fig. 4-41 through Fig. 4-44.
Note that, in DSP modes, the time slots are ordered consecutively from the start of the LRCLK frame. In I2S and
left-justified modes, the even-numbered time slots are arranged in the first half of the LRCLK frame, and the odd-numbered
time slots are arranged in the second half of the frame.
Table 4-42. AIF2 BCLK and LRCLK Control
Register
Address
Bit
Label
Default
Description
R1344
(0x0540)
AIF2_
BCLK_Ctrl
4:0 AIF2_BCLK_
FREQ[4:0]
0x0C AIF2BCLK Rate. The AIF2BCLK rate must be less than or equal to SYSCLK/2.
0x00–0x01 = Reserved
0x02 = 64 kHz (58.8 kHz)
0x03 = 96 kHz (88.2 kHz)
0x04 = 128 kHz (117.6 kHz)
0x05 = 192 kHz (176.4 kHz)
0x06 = 256 kHz (235.2 kHz)
0x07 = 384 kHz (352.8 kHz)
0x08 = 512 kHz (470.4 kHz)
0x09 = 768 kHz (705.6 kHz)
0x0A = 1.024 MHz (940.8 kHz)
0x0B = 1.536 MHz (1.4112 MHz)
0x0C = 2.048 MHz (1.8816 MHz)
0x0D = 3.072 MHz (2.8824 MHz)
0x0E = 4.096 MHz (3.7632 MHz)
0x0F = 6.144 MHz (5.6448 MHz)
0x10 = 8.192 MHz (7.5264 MHz)
0x11 = 12.288 MHz (11.2896 MHz)
0x12 = 24.576 MHz (22.5792 MHz)
The frequencies in brackets apply for 44.1 kHz–related sample rates only (SAMPLE_RATE_
n
=01XXX).
R1350
(0x0546)
AIF2_Rx_
BCLK_Rate
12:0 AIF2_
BCPF[12:0]
0x0040 AIF2LRCLK Rate. Selects the number of BCLK cycles per AIF2LRCLK frame. AIF2LRCLK
clock = AIF2BCLK/AIF2_BCPF.
Integer (LSB = 1), Valid from 8 to 8191.
Table 4-43. AIF3 BCLK and LRCLK Control
Register
Address
Bit
Label
Default
Description
R1408
(0x0580)
AIF3_
BCLK_Ctrl
4:0 AIF3_
BCLK_
FREQ[4:0]
0x0C AIF3BCLK Rate. The AIF3BCLK rate must be less than or equal to SYSCLK/2.
0x00–0x01 = Reserved
0x02 = 64 kHz (58.8 kHz)
0x03 = 96 kHz (88.2 kHz)
0x04 = 128 kHz (117.6 kHz)
0x05 = 192 kHz (176.4 kHz)
0x06 = 256 kHz (235.2 kHz)
0x07 = 384 kHz (352.8 kHz)
0x08 = 512 kHz (470.4 kHz)
0x09 = 768 kHz (705.6 kHz)
0x0A = 1.024 MHz (940.8 kHz)
0x0B = 1.536 MHz (1.4112 MHz)
0x0C = 2.048 MHz (1.8816 MHz)
0x0D = 3.072 MHz (2.8824 MHz)
0x0E = 4.096 MHz (3.7632 MHz)
0x0F = 6.144 MHz (5.6448 MHz)
0x10 = 8.192 MHz (7.5264 MHz)
0x11 = 12.288 MHz (11.2896 MHz)
0x12 = 24.576 MHz (22.5792 MHz)
The frequencies in brackets apply for 44.1 kHz–related sample rates only (SAMPLE_RATE_
n
= 01XXX).
R1414
(0x0586)
AIF3_Rx_
BCLK_Rate
12:0 AIF3_
BCPF[12:0]
0x0040 AIF3LRCLK Rate. Selects the number of BCLK cycles per AIF3LRCLK frame. AIF3LRCLK clock =
AIF3BCLK/AIF3_BCPF.
Integer (LSB = 1), Valid from 8 to 8191.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com