Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 116 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 116 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 112Page - Cirrus Logic CS47L35 Datasheet HTML 113Page - Cirrus Logic CS47L35 Datasheet HTML 114Page - Cirrus Logic CS47L35 Datasheet HTML 115Page - Cirrus Logic CS47L35 Datasheet HTML 116Page - Cirrus Logic CS47L35 Datasheet HTML 117Page - Cirrus Logic CS47L35 Datasheet HTML 118Page - Cirrus Logic CS47L35 Datasheet HTML 119Page - Cirrus Logic CS47L35 Datasheet HTML 120Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 300 page
background image
116
DS1085F3
CS47L35
4.7 Digital Audio Interface Control
The AIF2 master/slave control registers are described in Table 4-36.
The AIF3 master/slave control registers are described in Table 4-37.
R1282 (0x0502)
AIF1_Rx_Pin_Ctrl
3AIF1_
LRCLK_
ADV
0
AIF1 Audio Interface LRCLK Advance
0 = Normal
1 = AIF1LRCLK transition is advanced to the previous BCLK phase
2AIF1_
LRCLK_INV
0
AIF1 Audio Interface LRCLK Invert
0 = AIF1LRCLK not inverted
1 = AIF1LRCLK inverted
1AIF1_
LRCLK_
FRC
0
AIF1 Audio Interface LRCLK Output Control
0 = Normal
1 = AIF1LRCLK always enabled in Master Mode
0AIF1_
LRCLK_
MSTR
0
AIF1 Audio Interface LRCLK Master Select
0 = AIF1LRCLK Slave Mode
1 = AIF1LRCLK Master Mode
Table 4-36. AIF2 Master/Slave Control
Register Address Bit
Label
Default
Description
R1344 (0x0540)
AIF2_BCLK_Ctrl
7AIF2_BCLK_
INV
0
AIF2 Audio Interface BCLK Invert
0 = AIF2BCLK not inverted
1 = AIF2BCLK inverted
6AIF2_BCLK_
FRC
0
AIF2 Audio Interface BCLK Output Control
0 = Normal
1 = AIF2BCLK always enabled in Master Mode
5AIF2_BCLK_
MSTR
0
AIF2 Audio Interface BCLK Master Select
0 = AIF2BCLK Slave Mode
1 = AIF2BCLK Master Mode
R1346 (0x0542)
AIF2_Rx_Pin_Ctrl
3AIF2_
LRCLK_ADV
0
AIF2 Audio Interface LRCLK Advance
0 = Normal
1 = AIF2LRCLK transition is advanced to the previous BCLK phase
2AIF2_
LRCLK_INV
0
AIF2 Audio Interface LRCLK Invert
0 = AIF2LRCLK not inverted
1 = AIF2LRCLK inverted
1AIF2_
LRCLK_FRC
0
AIF2 Audio Interface LRCLK Output Control
0 = Normal
1 = AIF2LRCLK always enabled in Master Mode
0AIF2_
LRCLK_
MSTR
0
AIF2 Audio Interface LRCLK Master Select
0 = AIF2LRCLK Slave Mode
1 = AIF2LRCLK Master Mode
Table 4-37. AIF3 Master/Slave Control
Register Address Bit
Label
Default
Description
R1408 (0x0580)
AIF3_BCLK_Ctrl
7AIF3_BCLK_
INV
0
AIF3 Audio Interface BCLK Invert
0 = AIF3BCLK not inverted
1 = AIF3BCLK inverted
6AIF3_BCLK_
FRC
0
AIF3 Audio Interface BCLK Output Control
0 = Normal
1 = AIF3BCLK always enabled in Master Mode
5AIF3_BCLK_
MSTR
0
AIF3 Audio Interface BCLK Master Select
0 = AIF3BCLK Slave Mode
1 = AIF3BCLK Master Mode
Table 4-35. AIF1 Master/Slave Control (Cont.)
Register Address Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com