Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 122 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 122 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 118Page - Cirrus Logic CS47L35 Datasheet HTML 119Page - Cirrus Logic CS47L35 Datasheet HTML 120Page - Cirrus Logic CS47L35 Datasheet HTML 121Page - Cirrus Logic CS47L35 Datasheet HTML 122Page - Cirrus Logic CS47L35 Datasheet HTML 123Page - Cirrus Logic CS47L35 Datasheet HTML 124Page - Cirrus Logic CS47L35 Datasheet HTML 125Page - Cirrus Logic CS47L35 Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 300 page
background image
122
DS1085F3
CS47L35
4.7 Digital Audio Interface Control
The AIF3 data control fields are described in Table 4-46.
4.7.7
AIF TDM and Tristate Control
The AIFn output pins are tristated when the AIFn_TRI bit is set. Note that this function only affects output pins configured
for the respective AIFn function—a GPIO pin that is configured for a different function is not affected by AIFn_TRI. See
Section 4.14 to configure the GPIO pins.
Under default conditions, the AIFnTXDAT output is held at Logic 0 when the CS47L35 is not transmitting data (i.e., during
time slots that are not enabled for output by the CS47L35). If the AIFnTX_DAT_TRI bit is set, the CS47L35 tristates the
respective AIFnTXDAT pin when not transmitting data, allowing other devices to drive the AIFnTXDAT connection.
R1354 (0x054A)
AIF2_Frame_Ctrl_
4
5:0 AIF2TX2_
SLOT[5:0]
0x1
AIF2 TX Channel 2 Slot position
Defines the TX time slot position of the Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
R1361 (0x0551)
AIF2_Frame_Ctrl_
11
5:0 AIF2RX1_
SLOT[5:0]
0x0
AIF2 RX Channel 1 Slot position
Defines the RX time slot position of the Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63
R1362 (0x0552)
AIF2_Frame_Ctrl_
12
5:0 AIF2RX2_
SLOT[5:0]
0x1
AIF2 RX Channel 2 Slot position
Defines the RX time slot position of the Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
Table 4-46. AIF3 Digital Audio Data Control
Register Address Bit
Label
Default
Description
R1412 (0x0584)
AIF3_Format
2:0 AIF3_FMT[2:0]
000
AIF3 Audio Interface Format
000 = DSP Mode A
001 = DSP Mode B
010 = I2S mode
011 = Left-Justified mode
Other codes are reserved.
R1415 (0x0587)
AIF3_Frame_Ctrl_
1
13:8 AIF3TX_WL[5:0]
0x18 AIF3 TX Word Length (Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0 AIF3TX_SLOT_
LEN[7:0]
0x18 AIF3 TX Slot Length (Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1416 (0x0588)
AIF3_Frame_Ctrl_
2
13:8 AIF3RX_WL[5:0]
0x18 AIF3 RX Word Length (Number of valid data bits per slot)
Integer (LSB = 1); Valid from 16 to 32
7:0 AIF3RX_SLOT_
LEN[7:0]
0x18 AIF3 RX Slot Length (Number of BCLK cycles per slot)
Integer (LSB = 1); Valid from 16 to 128
R1417 (0x0589)
AIF3_Frame_Ctrl_
3
5:0 AIF3TX1_
SLOT[5:0]
0x0
AIF3 TX Channel 1 Slot position
Defines the TX time slot position of the Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63
R1418 (0x058A)
AIF3_Frame_Ctrl_
4
5:0 AIF3TX2_
SLOT[5:0]
0x1
AIF3 TX Channel 2 Slot position
Defines the TX time slot position of the Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
R1425 (0x0591)
AIF3_Frame_Ctrl_
11
5:0 AIF3RX1_
SLOT[5:0]
0x0
AIF3 RX Channel 1 Slot position
Defines the RX time slot position of the Channel 1 audio sample
Integer (LSB=1); Valid from 0 to 63
R1426 (0x0592)
AIF3_Frame_Ctrl_
12
5:0 AIF3RX2_
SLOT[5:0]
0x1
AIF3 RX Channel 2 Slot position
Defines the RX time slot position of the Channel 2 audio sample
Integer (LSB=1); Valid from 0 to 63
Table 4-45. AIF2 Digital Audio Data Control (Cont.)
Register Address Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com