Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 126 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 126 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 122Page - Cirrus Logic CS47L35 Datasheet HTML 123Page - Cirrus Logic CS47L35 Datasheet HTML 124Page - Cirrus Logic CS47L35 Datasheet HTML 125Page - Cirrus Logic CS47L35 Datasheet HTML 126Page - Cirrus Logic CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 300 page
background image
126
DS1085F3
CS47L35
4.9 SLIMbus Control Sequences
Once a device has been successfully connected to the bus, the logical address (LA) parameter can be changed at any
time using the CHANGE_LOGICAL_ADDRESS (LA) message.
The RESET_DEVICE message commands an individual SLIMbus device to perform its reset procedure. As part of the
reset, all associated ports are reset, and any associated data channels are canceled. Note that, if the RESET_DEVICE
command is issued to an interface device, it causes a component reset (i.e., all devices within the associated component
are reset). Under a component reset, every associated device releases its logical address, and the component becomes
disconnected from the bus.
4.9.2
Information Management
A memory map of information elements is defined for each device. This is arranged in 3 x 1-kB blocks, comprising core
value elements, device class-specific value elements, and user value elements respectively, as described in the MIPI
specification. Note that the contents of the user information portion for each CS47L35 SLIMbus device are reserved.
Read/write access is implemented using the messages described as follows. Specific elements within the information map
are identified using the element code (EC) parameter. In the case of read access, a unique transaction ID (TID) is assigned
to each message relating to a particular read/write request.
• The REQUEST_INFORMATION (TID, EC) message is used to instruct a device to respond with the indicated
information. The payload of this message contains the transaction ID (TID) and the element code (EC).
• The REQUEST_CLEAR_INFORMATION (TID, EC, CM) message is used to instruct a device to respond with the
indicated information, and also to clear all, or parts, of the same information slice. The payload of this message
contains the transaction ID (TID), element code (EC), and clear mask (CM). The clear mask field is used to select
which elements are to be cleared as part of the instruction.
• The REPLY_INFORMATION (TID, IS) message is used to provide output of a requested parameter. The payload
of this message contains the transaction ID (TID) and the information slice (IS). The information slice bytes contain
the value of the requested parameter.
• The CLEAR_INFORMATION (EC, CM) message is used to clear all, or parts, of the indicated information slice. The
payload of this message contains the element code (EC) and clear mask (CM). The clear mask field is used to select
which elements are to be cleared as part of the instruction.
• The REPORT_INFORMATION (EC, IS) message is used to inform other devices about a change in a specified
element in the information map. The payload of this message contains the element code (EC) and the information
slice (IS). The information slice bytes contain the new value of the applicable parameter.
4.9.3
Value Management (Including Register Access)
A memory map of value elements is defined for each device. This is arranged in 3 x 1-kB blocks, comprising core value
elements, device class-specific value elements, and user value elements respectively, as described in the MIPI
specification. These elements are typically parameters used to configure device behavior.
The user value elements of the interface device are used on CS47L35 to support read/write access to the register map.
Details of how to access specific registers are described in Section 4.10.
Note that, with the exception of the user value elements of the interface device, the contents of the user value portion for
each CS47L35 SLIMbus device are reserved.
Read/write access is implemented using the messages described as follows. Specific elements within the value map are
identified using the element code (EC) parameter. In the case of read access, a unique transaction ID (TID) is assigned
to each message relating to a particular read/write request.
• The REQUEST_VALUE (TID, EC) message is used to instruct a device to respond with the indicated information.
The payload of this message contains the transaction ID (TID) and the element code (EC).
• The REPLY_VALUE (TID, VS) message is used to provide output of a requested parameter. The payload of this
message contains the transaction ID (TID) and the value slice (VS). The value slice bytes contain the value of the
requested parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com