Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 128 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 128 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 124Page - Cirrus Logic CS47L35 Datasheet HTML 125Page - Cirrus Logic CS47L35 Datasheet HTML 126Page - Cirrus Logic CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 300 page
background image
128
DS1085F3
CS47L35
4.10 SLIMbus Interface Control
• Active channels can be reconfigured using the CHANGE_CONTENT, NEXT_DEFINE_CONTENT, or NEXT_
DEFINE_CHANNEL messages. Note that these changes can be effected without interrupting the data channel; the
NEXT_DEFINE_CHANNEL, for example, may be used to change a segment distribution, in order to reallocate the
SLIMbus bandwidth.
• An active channel can be paused using the NEXT_DEACTIVATE_CHANNEL message and reinstated using the
NEXT_ACTIVATE_CHANNEL message.
• Data channels can be disconnected using the DISCONNECT_PORT or NEXT_REMOVE_CHANNEL messages.
These messages provide equivalent functionality, but use different parameters (PN or CN respectively) to identify
the affected signal path.
4.10 SLIMbus Interface Control
The CS47L35 features a MIPI-compliant SLIMbus interface, providing six channels of audio input and six channels of
audio output. Mixed audio sample rates are supported on the SLIMbus interface. The SLIMbus interface also supports
read/write access to the CS47L35 control registers.
The SLIMbus interface on CS47L35 comprises a generic device and an interface device. A maximum of 12 ports can be
configured, providing up to six input (RX) channels and up to six output (TX) channels.
The audio paths associated with the SLIMbus interface are described in Section 4.3.
The SLIMbus interface supports read/write access to the CS47L35 control registers, as described in Section 4.10.6.
The SLIMbus clocking rate and channel allocations are controlled by the manager device. The message channel and data
channel bandwidth may be dynamically adjusted according to the application requirements. Note that the manager device
functions are not implemented on the CS47L35, and these bandwidth allocation requirements are outside the scope of
this data sheet.
4.10.1 SLIMbus Device Parameters
The SLIMbus interface on the CS47L35 comprises two devices. The enumeration address of each device within the
SLIMbus interface is derived from the parameters noted in Table 4-50.
4.10.2 SLIMbus Message Support
The SLIMbus interface on the CS47L35 supports bus messages as noted in Table 4-51.
Additional notes regarding SLIMbus message support are noted below, and also in Table 4-52.
Table 4-50. SLIMbus Device Parameters
Description
Manufacturer ID Product Code
Device ID
Instance Value Enumeration Address
Generic
0x01FA
0x6360
0x00
0x00
01FA_6360_0000
Interface
0x01FA
0x6360
0x7F
0x00
01FA_6360_7F00
Table 4-51. SLIMbus Message Support
Category
Message Code MC[6:0]
Description
Generic Interface
Device Management
Messages
0x01
REPORT_PRESENT (DC, DCV)
S
S
0x02
ASSIGN_LOGICAL_ADDRESS (LA)
D
D
0x04
RESET_DEVICE ()
D
D
0x08
CHANGE_LOGICAL_ADDRESS (LA)
D
D
0x09
CHANGE_ARBITRATION_PRIORITY (AP)
—
—
0x0C
REQUEST_SELF_ANNOUNCEMENT ()
D
D
0x0F
REPORT_ABSENT ()
—
—
Data Channel
Management Messages
0x10
CONNECT_SOURCE (PN, CN)
D
—
0x11
CONNECT_SINK (PN, CN)
D
—
0x14
DISCONNECT_PORT (PN)
D
—
0x18
CHANGE_CONTENT (CN, FL, PR, AF, DT, CL, DL)
D
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com