Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 132 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 132 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 300 page
background image
132
DS1085F3
CS47L35
4.10 SLIMbus Interface Control
Note: The first message may be omitted if its contents are unchanged from the previous CHANGE_VALUE message
sent to the CS47L35.
Write transfers of up to 16 bytes can be configured using the slice size parameter in the second message (see Table 4-56).
Additional value update words can be appended to the message in this case, with the applicable data contents. For
compatibility with the CS47L35 register map, the selected number of bytes must always be an even number.
When a 2-byte transfer is selected, these bytes are written to the register address 0xYYYYZZ (using the same naming
conventions as above). When more than 2 bytes are written in a single transfer, the destination register address is
automatically incremented as described in Table 4-57.
Note: Register addresses from R12288 (0x3000) upwards are formatted as 32-bit words. When writing to these
addresses, the slice size should be a multiple of 4 bytes and the byte address should be aligned with the 32-bit
data word boundaries (i.e., an even number). The byte ordering for these register addresses is described in
Table 4-58.
Table 4-55. Register Write Message (1)—CHANGE_VALUE
Parameter
Value
Description
Source Address
0xSS
SS is the 8-bit logical address of the message source. This could be any active device on the bus,
but is typically the manager device (0xFF).
Destination Address
0xLL
LL is the 8-bit logical address of the message destination (i.e., the CS47L35 SLIMbus interface
device). The value is assigned by the SLIMbus manager device.
Access Mode
0b1
Selects byte-based access mode.
Byte Address
0x800
Identifies the user value element for selecting the control register page address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xYYYY
YYYY is bits [23:8] of the applicable control register address.
Table 4-56. Register Write Message (2)—CHANGE_VALUE
Parameter
Value
Description
Source Address
0xSS
SS is the 8-bit logical address of the message source. This could be any active device on the bus,
but is typically the manager device (0xFF).
Destination Address
0xLL
LL is the 8-bit logical address of the message destination (i.e., the CS47L35 SLIMbus interface
device). The value is assigned by the SLIMbus manager device.
Access Mode
0b1
Selects byte-based access mode.
Byte Address
0xUUU
Specifies the value map address, calculated as
0xA00 + (2 x 0xZZ), where ZZ is bits [7:0] of the applicable control register address.
Slice Size
0b001
Selects 2-byte slice size
Value Update
0xVVVV
VVVV is the 16-bit data to be written.
Table 4-57. SLIMbus Register Write Sequence—16-Bit Register Space (< 0x3000)
Register Address
(<0x3000)
Byte Sequence
Base Address (0xYYYYZZ)
Bytes 2 and 1 (0xVVVV)
Base address + 1
Bytes 4 and 3
Base address + 2
Bytes 6 and 5
Base address + 3
Bytes 8 and 7
Base address + 4
Bytes 10 and 9
Base address + 5
Bytes 12 and 11
Base address + 6
Bytes 14 and 13
Base address + 7
Bytes 16 and 15
Table 4-58. SLIMbus Register Write Sequence—32-Bit Register Space (
 0x3000)
Register Address
(
0x3000)
Byte Sequence
Base Address (0xYYYYZZ)
Bytes 4, 3, 2, 1
Base address + 2
Bytes 8, 7, 6, 5
Base Address + 4
Bytes 12, 11, 10, 9
Base Address + 6
Bytes 16, 15, 14, 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com