Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 135 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 135 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 300 page
background image
DS1085F3
135
CS47L35
4.11 Output Signal Path
The headphone/earpiece output path is configurable as a stereo headphone driver (HPOUTL and HPOUTR pins), or as
a differential earpiece driver (EPOUTP and EPOUTN pins). The ground-referenced headphone output path incorporates
a common mode feedback path for rejection of system-related noise. The headphone and earpiece outputs each support
direct connection to external loads, with no requirement for AC coupling capacitors.
The speaker output path is configured to drive a differential (BTL) output. The Class D design offers high efficiency at large
signal levels. With a suitable choice of external speaker, the Class D output can drive a loudspeaker directly, without any
additional filter components.
The digital output path provides a stereo pulse-density modulation (PDM) output interface, for connection to external audio
devices. A total of two digital output channels are provided.
Digital volume control is available on all outputs (analog and digital), with programmable ramp control for smooth,
glitch-free operation. A configurable noise-gate function is available on each of the output signal paths. Any two of the
output signal paths may be selected as input to the AEC loop-back paths.
The CS47L35 incorporates thermal protection functions, and provides short-circuit detection on the Class D speaker and
headphone/earpiece output paths. The general-purpose timers (see Section 4.5.3) can also be used as a watchdog
function, to trigger a shutdown of the Class D speaker drivers; see Section 4.21.
The Class D speaker output is designed to support monitoring of external loudspeakers, giving real-time feedback for
algorithms such as Cirrus Logic’s speaker-protection software, running on one of the DSP cores. This enables
loudspeakers to be protected against damage from excessive signal levels and other electro-mechanical constraints. This
feature requires additional external component connections, as described in Section 4.11.8.
The CS47L35 output signal paths are shown in Fig. 4-49.
The OUT2, OUT3, and OUT4R paths are not implemented on this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com