Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 139 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 139 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 300 page
background image
DS1085F3
139
CS47L35
4.11 Output Signal Path
Note that the SPKCLK frequencies noted in Table 4-65 assume that the SYSCLK frequency is a multiple of 6.144 MHz
(SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448 MHz (SYSCLK_FRAC = 1), the SPKCLK frequency
is scaled accordingly.
The output signal path control registers are defined in Table 4-66.
4.11.4 Output Signal Path Digital Volume Control
A digital volume control is provided on each of the output signal paths, providing –64 to +31.5 dB gain control in 0.5-dB
steps. An independent mute control is also provided for each output signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new settings at a
programmable rate. For increasing gain (or unmute), the rate is controlled by OUT_VI_RAMP. For decreasing gain (or
mute), the rate is controlled by OUT_VD_RAMP.
Note: The OUT_VI_RAMP and OUT_VD_RAMP fields should not be changed while a volume ramp is in progress.
The OUT_VU bits control the loading of the output signal path digital volume and mute controls. When OUT_VU is cleared,
the digital volume and mute settings are loaded into the respective control register, but does not actually change the signal
path gain. The digital volume and mute settings on all of the output signal paths are updated when a 1 is written to OUT_
VU. This makes it possible to update the gain of multiple signal paths simultaneously.
Note that, although the digital-volume controls provide 0.5-dB steps, the internal circuits provide signal gain adjustment in
0.125-dB steps. This allows a very high degree of gain control—smooth volume ramping under all operating conditions.
Note: The 0 dBFS level of the OUT5 digital output path is not equal to the 0 dBFS level of the CS47L35 digital core. The
maximum digital output level is –6 dBFS (see Table 3-8). Under 0 dB gain conditions, a 0 dBFS output from the
digital core corresponds to a –6 dBFS level in the PDM output.
The digital volume control registers are described in Table 4-67 and Table 4-68.
Table 4-65. SPKCLK Frequency
Condition
SPKCLK Frequency
OUT5_OSR = 0
3.072 MHz
OUT5_OSR = 1
6.144 MHz
Table 4-66. Output Signal Path Control
Register Address Bit
Label
Default
Description
R1024 (0x0400)
Output_Enables_1
15 EP_SEL
0
Output Path 1 Output Driver select
0 = HPOUTL and HPOUTR
1 = EPOUTP and EPOUTN
R1040 (0x0410)
Output_Path_
Config_1L
12 OUT1_MONO
0
Output Path 1 Mono Mode (Configures HPOUT and EPOUT as a mono differential output.)
0 = Disabled
1 = Enabled
The gain of the signal path is increased by 6 dB in differential (mono) mode.
R1072 (0x0430)
Output_Path_
Config_5L
13 OUT5_OSR
0
Output Path 5 Oversample Rate
0 = Normal mode
1 = High Performance mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com