Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 138 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 138 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 300 page
background image
138
DS1085F3
CS47L35
4.11 Output Signal Path
4.11.2 Output Signal Path Sample-Rate Control
The output signal paths are derived from the respective output mixers within the CS47L35 digital core. The sample rate
for the output signal paths is configured using OUT_RATE—see Table 4-21.
Note that sample-rate conversion is required when routing the output signal paths to any signal chain that is configured
for a different sample rate.
4.11.3 Output Signal Path Control
The OUT1 path is associated with the headphone and the earpiece output drivers. The EP_SEL bit controls which of these
outputs can be used—it is not possible to enable the headphone and earpiece drivers simultaneously.
Under default register conditions, the OUT1 path is configured for stereo output. The path can be configured for mono
differential (BTL) output using the OUT1_MONO bit; this is ideal for driving an earpiece or hearing aid coil.
When the OUT1_MONO bit is set, the respective right channel output is an inverted copy of the left channel output signal;
this creates a differential output between the respective outputs. The left and right channel output drivers must both be
enabled in Mono Mode; both channels should be enabled simultaneously using the fields described in Table 4-64.
The mono (BTL) signal paths are shown in Fig. 4-49. Note that, in Mono Mode, the effective gain of the signal path is
increased by 6 dB.
For stereo output on HPOUTL and HPOUTR, the required settings are as follows:
• EP_SEL = 0
•OUT1_MONO = 0
For mono differential output on EPOUTP and EPOUTN, the required settings are as follows:
• EP_SEL = 1
•OUT1_MONO = 1
Note that the EP_SEL and OUT1_MONO bits should not be changed while the headphone or earpiece drivers are
enabled. These bits should be configured before enabling the respective drivers, and should remain unchanged until after
the drivers have been disabled. The HPOUT and EPOUT drivers are enabled using the HP1L_ENA and HP1R_ENA bits,
as described in Table 4-64.
The SPKCLK frequency of the PDM output path (OUT5) is controlled by OUT5_OSR, as described in Table 4-65. When
the OUT5_OSR bit is set, the audio performance is improved, but power consumption is also increased.
R1025 (0x0401)
Output_Status_1
9 OUT5L_ENA_STS
0
Output Path 5 (left) enable status
0 = Disabled
1 = Enabled
8 OUT5R_ENA_STS
0
Output Path 5 (right) enable status
0 = Disabled
1 = Enabled
7 OUT4L_ENA_STS
0
Output Path 4 (left) enable status
0 = Disabled
1 = Enabled
R1030 (0x0406)
Raw_Output_Status_1
1 OUT1L_ENA_STS
0
Output Path 1 (left) enable status
0 = Disabled
1 = Enabled
0 OUT1R_ENA_STS
0
Output Path 1 (right) enable status
0 = Disabled
1 = Enabled
Table 4-64. Output Signal Path Enable (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com