Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 140 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 140 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 300 page
background image
140
DS1085F3
CS47L35
4.11 Output Signal Path
Table 4-67. Output Signal Path Digital Volume Control
Register Address
Bit
Label
Default
Description
R1033 (0x0409)
Output_Volume_
Ramp
6:4
OUT_VD_
RAMP[2:0]
010
Output Volume Decreasing Ramp Rate (seconds/6 dB)
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
2:0
OUT_VI_
RAMP[2:0]
010
Output Volume Increasing Ramp Rate (seconds/6 dB)
This field should not be changed while a volume ramp is in progress.
000 = 0 ms
001 = 0.5 ms
010 = 1 ms
011 = 2 ms
100 = 4 ms
101 = 8 ms
110 = 15 ms
111 = 30 ms
R1041 (0x0411)
DAC_Digital_
Volume_1L
9
OUT_VU
See
Footnote 1
Output Signal Paths Volume Update. Writing 1 to this bit causes the Output Signal
Paths Volume and Mute settings to be updated simultaneously
8
OUT1L_MUTE
1
Output Path 1 (Left) Digital Mute
0 = Unmute
1 = Mute
7:0
OUT1L_VOL[7:0]
0x80
Output Path 1 (Left) Digital Volume (see Table 4-68 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R1045 (0x0415)
DAC_Digital_
Volume_1R
9
OUT_VU
See
Footnote 1
Output Signal Paths Volume Update. Writing 1 to this bit causes the Output Signal
Paths Volume and Mute settings to be updated simultaneously
8
OUT1R_MUTE
1
Output Path 1 (Right) Digital Mute
0 = Unmute
1 = Mute
7:0
OUT1R_VOL[7:0]
0x80
Output Path 1 (Right) Digital Volume (see Table 4-68 for volume register
definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R1065 (0x0429)
DAC_Digital_
Volume_4L
9
OUT_VU
See
Footnote 1
Output Signal Paths Volume Update. Writing 1 to this bit causes the Output Signal
Paths Volume and Mute settings to be updated simultaneously
8
OUT4L_MUTE
1
Output Path 4 (Left) Digital Mute
0 = Unmute
1 = Mute
7:0
OUT4L_VOL[7:0]
0x80
Output Path 4 (Left) Digital Volume (see Table 4-68 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R1073 (0x0431)
DAC_Digital_
Volume_5R
9
OUT_VU
See
Footnote 1
Output Signal Paths Volume Update. Writing 1 to this bit causes the Output Signal
Paths Volume and Mute settings to be updated simultaneously
8
OUT5L_MUTE
1
Output Path 5 (Left) Digital Mute
0 = Unmute
1 = Mute
7:0
OUT5L_VOL[7:0]
0x80
Output Path 5 (Left) Digital Volume (see Table 4-68 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com