Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 143 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 143 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 300 page
background image
DS1085F3
143
CS47L35
4.11 Output Signal Path
4.11.6 Output Signal Path AEC Loop-Back
The CS47L35 incorporates two loop-back signal paths, which are ideally suited as a reference for AEC processing. Any
two of the output signal paths may be selected as the AEC loop-back sources.
When configured with suitable DSP firmware, the CS47L35 can provide an integrated AEC capability. The AEC loop-back
feature also enables convenient hook-up to an external device for implementing the required signal-processing algorithms.
The AEC loop-back source is connected after the respective digital volume controls, as shown in Fig. 4-49. The AEC
loop-back signals can be selected as input to any of the digital mixers within the CS47L35 digital core. The sample rate
for the AEC loop-back paths is configured using OUT_RATE—see Table 4-21.
The AEC loop-back function is enabled using the AECn_LOOPBACK_ENA bits (where n identifies the applicable path,
AEC1 or AEC2). The source signals for the Transmit Path AEC function are selected using the AECn_LOOPBACK_SRC
bits.
The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the AEC
loop-back function. If the frequency is too low, an attempt to enable this function fails. Note that active signal paths are not
affected under such circumstances.
The AECn_ENA_STS bits indicate the status of the AEC loop-back functions. If an underclocked error condition occurs,
these bits indicate whether the AEC loop-back function has been enabled.
Table 4-69. Output Signal Path Noise-Gate Control
Register Address
Bit
Label
Default
Description
R1043 (0x0413)
Noise_Gate_Select_1L
11:0 OUT1L_NGATE_
SRC[11:0]
0x001 Output Signal Path Noise-Gate Source. Enables one of more signal paths as
inputs to the respective noise gate. If more than one signal path is enabled as
an input, the noise gate is only activated (i.e., muted) when all of the respective
signal thresholds are satisfied.
Each bit is coded as 0 = Disabled, 1 = Enabled
R1047 (0x0417)
Noise_Gate_Select_1R
11:0 OUT1R_NGATE_
SRC[11:0]
0x002
R1067 (0x042B)
Noise_Gate_Select_4L
11:0 OUT4L_NGATE_
SRC[11:0]
0x040 [11] = Reserved
[10] = Reserved
[9] = OUT5R
[8] = OUT5L
[7] = Reserved
[6] = OUT4L
[5] = Reserved
[4] = Reserved
[3] = Reserved
[2] = Reserved
[1] = OUT1R
[0] = OUT1L
R1075 (0x0433)
Noise_Gate_Select_5L
11:0 OUT5L_NGATE_
SRC[11:0]
0x100
R1079 (0x0437)
Noise_Gate_Select_5R
11:0 OUT5R_NGATE_
SRC[11:0]
0x200
R1112 (0x0458)
Noise_Gate_Control
5:4 NGATE_
HOLD[1:0]
00
Output Signal Path Noise-Gate Hold Time (delay before noise gate is activated)
00 = 30 ms
01 = 120 ms
10 = 250 ms
11 = 500 ms
3:1 NGATE_THR[2:0]
000
Output Signal Path Noise-Gate Threshold
000 = –78 dB
001 = –84 dB
010 = –90 dB
011 = –96 dB
100 = –102 dB
101 = –108 dB
110 = –114 dB
111 = –120 dB
0
NGATE_ENA
0
Output Signal Path Noise-Gate Enable
0 = Disabled
1 = Enabled
Table 4-70. Output Signal Path AEC Loop-Back Control
Register Address
Bit
Label
Default
Description
R1104 (0x0450)
DAC_AEC_
Control_1
5:2
AEC1_LOOPBACK_
SRC[3:0]
0000
Input source for Tx AEC1 function
0000 = OUT1L
0001 = OUT1R
0110 = OUT4L
1000 = OUT5L
1001 = OUT5R
All other codes are reserved
1
AEC1_ENA_STS
0
Transmit (Tx) Path AEC1 Control Status
0 = Disabled
1 = Enabled
0
AEC1_LOOPBACK_
ENA
0
Transmit (Tx) Path AEC1 Control
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com