Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 146 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 146 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 300 page
background image
146
DS1085F3
CS47L35
4.11 Output Signal Path
Figure 4-52. Speaker Output Current Monitoring Connections (Speaker Protection)
Please contact your Cirrus Logic representative for further information on the Speaker Protection software.
4.11.9 Speaker Outputs (Digital PDM)
The CS47L35 supports a two-channel pulse-density modulation (PDM) digital speaker interface; the PDM outputs are
associated with the OUT5L and OUT5R output signal paths.
The external connections associated with the PDM outputs are implemented on multi-function GPIO pins, which must be
configured for the respective PDM functions when required. The PDM output connections are pin-specific alternative
functions available on specific GPIO pins. See Section 4.14 to configure the GPIO pins for the PDM output.
The PDM digital speaker interface is a stereo interface; the OUT5L and OUT5R output signal paths are interleaved on the
SPKDAT output, and clocked using SPKCLK.
Note that the PDM interface supports two different operating modes; these are selected using SPK1_FMT. See Table 3-15
for detailed timing information in both modes.
• If SPK1_FMT = 0 (Mode A), the Left PDM channel is valid at the rising edge of SPKCLK; the Right PDM channel is
valid at the falling edge of SPKCLK.
• If SPK1_FMT = 1 (Mode B), the Left PDM channel is valid during the low phase of SPKCLK; the Right PDM channel
is valid during the high phase of SPKCLK.
The PDM interface timing is shown in Fig. 4-53.
Figure 4-53. Digital Speaker (PDM) Interface Timing
Clocking for the PDM interface is derived from SYSCLK. Note that SYSCLK_ENA must also be set. See Section 4.16 for
further details of the system clocks and control registers.
SPKOUTP
SPKOUTN
IN2RP
IN2RN
SPKGNDP
SPKGNDN
0.1
(1%, 100ppm/°C)
CS47L35
SPKCLK output (Mode A)
SPKDAT output
(left & right channels interleaved)
1
2
1
2
1
2
Left channel output
1
1
1
Right channel output
2
2
2
SPKCLK output (Mode B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com