Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 148 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 148 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 300 page
background image
148
DS1085F3
CS47L35
4.12 External Accessory Detection
Figure 4-54. Digital Speaker (PDM) Connection
4.12 External Accessory Detection
The CS47L35 provides external accessory detection functions that can sense the presence and impedance of external
components. This can be used to detect the insertion or removal of an external headphone or headset, and to provide an
indication of key/button push events.
Jack insertion is detected using the JACKDET1 and JACKDET2 pins, which must be connected to a switch contact within
the jack sockets. An interrupt event is generated whenever a jack insertion or jack removal event is detected.
Suppression of pops and clicks caused by jack insertion or removal is provided using the MICDET clamp function. This
function can also be used to trigger interrupt events, and/or to trigger the control-write sequencer. The integrated
general-purpose switch can be synchronized with the MICDET clamp, to provide additional pop suppression capability.
Microphones, push buttons, and other accessories can be detected via the MICDET1 or MICDET2 pins. The presence of
a microphone, and the status of a hook switch can be detected. This feature can also be used to detect push-button
operation.
Headphone impedance can be detected via the HPDETL and HPDETR pins; this can be used to set different gain levels
or other configuration settings according to the type of load connected. For example, different settings may be applicable
to headphone or line output loads.
The MICVDD power domain must be enabled when using the microphone detect function. (Note that MICVDD is not
required for the jack detect or headphone detect functions.) The MICVDD power domain is provided using an internal
charge pump (CP2) and LDO regulator (LDO2). See Section 4.19 for details of these circuits.
The internal 32-kHz clock must be present and enabled when using the microphone detect or headphone detect functions;
the 32-kHz clock is also required for the jack detect function, assuming input debounce is enabled. See Section 4.16 for
details of the internal 32-kHz clock and associated control fields.
4.12.1 Jack Detect
The CS47L35 provides support for jack insertion switch detection. The jack insertion status can be read using the relevant
register status bits. A jack insertion or removal can also be used to trigger an interrupt event.
The jack-detect interrupt (IRQ) functionality is maintained in Sleep Mode (see Section 4.13). This enables a jack insertion
event to be used to trigger a wake-up of the CS47L35.
Jack insertion and removal is detected using the JACKDET1 and JACKDET2 pins. The recommended external
connections are shown in Fig. 4-55. Note that the logic thresholds associated with the two JACKDET differ from each
other, as described in Table 3-11—this provides support for different jack switch configurations.
The jack detect feature is enabled using the JDn_ENA bits (where n = 1 or 2 for JACKDET1 or JACKDET2 respectively);
the jack insertion status can be read using JDn_STSx. Note that the JDn_STS1 and JDn_STS2 bits provide the same
information in respect of the applicable JACKDETn input.
Speaker Driver
Speaker Driver
Right
Left
SPKCLK
SPKDAT
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com