Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 152 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 152 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 300 page
background image
152
DS1085F3
CS47L35
4.12 External Accessory Detection
The control-write sequencer can be triggered by the MICDET clamp status. This is enabled using the WSEQ_ENA_MICD_
CLAMP_FALL and WSEQ_ENA_MICD_CLAMP_RISE bits; see Section 4.18 for further details.
4.12.2.3 Pop Suppression using General-Purpose Switch
In applications where a large decoupling capacitance is present on the MICBIAS output, the MICDET clamp function alone
may be unable to discharge the capacitor sufficiently to eliminate pops and clicks associated with jack insertion and
removal. In this case, it may be desirable to use the general-purpose switch within the CS47L35 to provide isolation from
the MICBIAS output; an example circuit is shown in Fig. 4-58.
The general-purpose switch is configured using SW1_MODE. This field allows the switch to be disabled, enabled, or
synchronized to the MICDET clamp status, as described in Table 4-75.
For jack pop suppression, it is recommended to set SW1_MODE = 11. In this case, the switch contacts are open whenever
the MICDET clamp is active, and the switch contacts are closed whenever the MICDET clamp is inactive.
Normal accessory functions are supported when the switch contacts (GPSWP and GPSWN) are closed, and the MICDET
clamp is inactive. Ground clamping of MICDET, and isolation of MICBIAS are achieved when the switch contacts are open,
and the MICDET clamp is active.
Note that the MICDET clamp function must also be configured appropriately when using this method of pop suppression
control.
Figure 4-58. General-Purpose Switch Circuit
4.12.2.4 MICDET Clamp Control Registers
The control registers associated with the MICDET clamp and general-purpose switch functions are described in
Table 4-75.
HPOUTFB1/
MICDET2
MICDET1/
HPOUTFB2
MICBIASnx
C
* IN1BLP, IN1BRP
R1 + R2 = 2.2 k
(±2%)
GPSWP
GPSWN
R1
R2
C
* Note: The Jack plug is shown
partially removed, with the MICDET1
pin in contact with the headphone load.
* see note
General-Purpose
Switch Control
SW1_MODE
MICDET
Clamp Control
MICD_CLAMP_OVD
MICD_CLAMP_MODE
MICD_CLAMP_STSx
MICD_CLAMP_DB
When the MICDET Clamp is active in the configuration
shown, the MICDET1 pin is grounded via the
headphone jack ground connection.
* Note that the IN1Bxx analog mic
channels are recommended with the
external accessory detect function
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com