Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 156 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 156 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic CS47L35 Datasheet HTML 160Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 300 page
background image
156
DS1085F3
CS47L35
4.12 External Accessory Detection
The external connections for the microphone detect circuit are shown in Fig. 4-59. In typical applications, it can be used
to detect a microphone or button press.
Note that, when using the microphone detect circuit, it is recommended to use the IN1BLP or IN1BRP analog microphone
input paths to ensure best immunity to electrical transients arising from the external accessory.
R675 (0x02A3)
Mic_Detect_1
15:12 MICD_BIAS_
STARTTIME[3:0]
0001
Mic Detect Bias Start-up Delay (If MICBIAS is not enabled, this field selects the delay time
allowed for MICBIAS to start-up before performing the MICDET function.)
0000 = 0 ms (continuous)
0001 = 0.25 ms
0010 = 0.5 ms
0011 = 1 ms
0100 = 2 ms
0101 = 4 ms
0110 = 8 ms
0111 = 16 ms
1000 = 32 ms
1001 = 64 ms
1010 = 128 ms
1011 = 256 ms
1100 to 1111 = 512 ms
11:8 MICD_RATE[3:0]
0001
Mic Detect Rate (Selects the delay between successive MICDET measurements.)
0000 = 0 ms (continuous)
0001 = 0.25 ms
0010 = 0.5 ms
0011 = 1 ms
0100 = 2 ms
0101 = 4 ms
0110 = 8 ms
0111 = 16 ms
1000 = 32 ms
1001 = 64 ms
1010 = 128 ms
1011 = 256 ms
1100 to 1111 = 512 ms
6:4
MICD_BIAS_
SRC[2:0]
000
Accessory Detect (MICDET) reference select
000 = MICVDD
001 = MICBIAS1A
010 = MICBIAS1B
011 = MICBIAS2A
All other codes are reserved
1
MICD_DBTIME
1
Mic Detect Debounce
0 = 2 measurements
1 = 4 measurements
Only valid when ACCDET_MODE = 000.
0
MICD_ENA
0
Mic Detect Enable
0 = Disabled
1 = Enabled
R676 (0x02A4)
Mic_Detect_2
7:0
MICD_LVL_
SEL[7:0]
1001_
1111
Mic Detect Level Select (enables mic/accessory detection in specific impedance ranges)
[7] = Enable >1 k
 detection
[6] = Not used
[5] = Not used
[4] = Not used
[3] = Not used
[2] = Enable 360–680
 detection
[1] = Enable 210–290
 detection
[0] = Enable 110–180
 detection
Only valid when ACCDET_MODE = 000.
R677 (0x02A5)
Mic_Detect_3
10:2 MICD_LVL[8:0]
0_
0000_
0000
Mic Detect Level (indicates the measured impedance)
[8] = >475
, <30 k
[7] = Not used
[6] = Not used
[5] = Not used
[4] = Not used
[3] = 360–680
[2] = 210–290
[1] = 110–180
[0] = 0–70
Only valid when ACCDET_MODE = 000.
1
MICD_VALID
0
Mic Detect Data Valid
0 = Not Valid
1 = Valid
0
MICD_STS
0
Mic Detect Status
0 = No mic/accessory present (impedance is >30 k
)
1 = Mic/accessory is present (impedance is <30 k
)
Only valid when ACCDET_MODE = 000.
R683 (0x02AB)
Mic_Detect_4
15:8 MICDET_
ADCVAL_
DIFF[7:0]
0x00
Mic Detect ADC Level (Difference)
Only valid when ACCDET_MODE = 111.
6:0
MICDET_
ADCVAL[6:0]
0x00
Mic Detect ADC Level
Only valid when ACCDET_MODE = 111.
Table 4-77. Microphone Detect Control (Cont.)
Register
Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com