Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 158 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 158 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic CS47L35 Datasheet HTML 160Page - Cirrus Logic CS47L35 Datasheet HTML 161Page - Cirrus Logic CS47L35 Datasheet HTML 162Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 300 page
background image
158
DS1085F3
CS47L35
4.12 External Accessory Detection
Figure 4-60. Microphone- and Accessory-Detect Timing
4.12.3.3 Measurement Range Control
When the discrete measurement mode is selected (ACCDET_MODE = 000), the MICD_LVL_SEL[7:0] bits allow each of
the impedance measurement levels to be enabled or disabled independently. This allows the function to be tailored to the
particular application requirements.
If one or more bits MICD_LVL_SEL is cleared, the corresponding impedance level is disabled. Any measured impedance
which lies in a disabled level is reported as the next lowest, enabled level.
For example, the MICD_LVL_SEL[2] bit enables the detection of a 360–680
 impedance. If MICD_LVL_SEL[2] = 0, an
external impedance in this range is indicated in the next lowest detection range (210–290
); this would be reported in the
MICD_LVL field as MICD_LVL[2] = 1.
With default register configuration, and all measurement levels enabled, the CS47L35 can detect the presence of a typical
microphone and up to four push buttons. It is possible to configure the detection circuit for up to eight push buttons, by
adjusting the impedance detection thresholds. However, adjustment of the detection thresholds is outside the scope of
this datasheet—please contact your local Cirrus Logic representative for further information, if required.
The measurement time varies between 100–500
s, depending on the impedance of the external load, and depending on
how many impedance measurement levels are enabled. A high impedance is measured faster than a low impedance.
4.12.3.4 External Components
The external connections for the microphone detect circuit are shown in Fig. 4-59. Examples of suitable external
components are described in Section 5.1.8.
The accuracy of the microphone detect function is assured whenever the connected load is within the applicable limits
specified in Table 3-11. It is required that a 2.2-k
 (2%) resistor must also be connected between MICDET and the
selected MICBIAS reference—different resistor values lead to inaccuracy in the impedance measurement.
MICBn_ENA = 0, MICBnx_ENA = 1:
MICBIASnx is enabled periodically for
measurement function
MICD_RATE
(0 ms to 512 ms; 0.25 ms default)
MICD_BIAS_STARTTIME
(0 ms to 512 ms; 0.25 ms default)
time
MICBn_ENA = 1, MICBnx_ENA = 1:
MICBIASnx is enabled constantly
MICD_RATE
(0 ms to 512 ms; 0.25 ms default)
time
Measurement time
(100
s to 500 s)
Measurement time
(100
s to 500 s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com