Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 154 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 154 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 300 page
background image
154
DS1085F3
CS47L35
4.12 External Accessory Detection
Under typical use cases, the respective MICBIAS generator and headset audio paths should all be disabled
following jack removal.
After jack removal has been detected, the MICDET clamp override bit should be asserted (MICD_CLAMP_
OVD = 1), to make the system ready for a jack insertion.
The recommended control sequence for jack detect and MICDET clamp is summarized in Table 4-76.
4.12.3 Microphone Detect
The CS47L35 microphone detection circuit measures the impedance of an external load connected to one of the MICDET
pins. This feature can be used to detect the presence of a microphone, and the status of the associated hook switch. It
can also be used to detect push-button status or the connection of other external accessories.
4.12.3.1 Microphone Detect Control
The microphone detection circuit measures the impedance connected to MICDET1 or MICDET2. In the discrete
measurement mode (ACCDET_MODE = 000), the function reports whether the measured impedance lies within one of
eight predefined levels. In the ADC measurement mode (ACCDET_MODE = 111), a more specific result is provided in the
form of a 7-bit ADC output.
The microphone detection circuit typically uses one of the MICBIAS outputs as a reference. The CS47L35 automatically
enables the appropriate MICBIAS generator when required by the detection function; this allows the detection function to
be supported in low-power standby operating conditions.
Note that the MICVDD power domain must be enabled when using the microphone detection function. This power domain
is provided using an internal charge pump (CP2) and LDO regulator (LDO2). See Section 4.19 for details of these circuits.
The internal 32-kHz clock must be present and enabled when using the microphone detection function; see Section 4.16
for details.
To select microphone detection on one of the MICDET pins, ACCDET_MODE must be set to 000 or 111 (depending on
the desired measurement mode). The ACCDET_MODE field is defined in Table 4-77.
The CS47L35 can only support one headphone or microphone detection function at any time. When the detection function
is not in use, it is recommended to set ACCDET_MODE = 000.
The microphone detection circuit can be enabled on the MICDET1 pin or the MICDET2 pin, selected by using the
ACCDET_SRC bit.
The microphone detection circuit uses MICVDD, MICBIAS1A, MICBIAS1B, or MICBIAS2A as a reference. The applicable
source is configured using the MICD_BIAS_SRC field. Note that MICBIAS2B is not a valid reference source for the
microphone detection function.
When ACCDET_MODE is set to 000 or 111, microphone detection is enabled by setting MICD_ENA.
Table 4-76. Control Sequence for Jack Detect and MICDET Clamp
Event
Device Actions
Recommended User Actions
Initial condition
Clamp asserted by default
Configure MICDET_CLAMP_MODE
Jack insertion
Jack insertion signaled via IRQ
For headphone-only operation:
Enable output signal paths
For other use cases:
Disable clamp, MICD_CLAMP_OVD = 0
Enable MICBIAS and MICDET
Enable I/O signal paths
Jack removal
Jack removal signaled via IRQ
Clamp asserted automatically
Disable MICBIAS and MICDET
Disable I/O signal paths
Enable clamp MICD_CLAMP_OVD = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com