Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 151 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 151 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 300 page
background image
DS1085F3
151
CS47L35
4.12 External Accessory Detection
4.12.2.1 MICDET Clamp Control
The MICDET clamp function can be configured using the MICD_CLAMP_MODE field; the selectable logic conditions
(derived from the JD1 and/or JD2 signals; see Table 4-74) provide support for different jack detect circuit configurations.
The MICD_CLAMP_OVD bit, when set, activates the MICDET clamp, regardless of other conditions.
Note: The MICD_CLAMP_OVD bit is enabled by default; the MICDET clamp is always active following power-on reset,
hardware reset, or software reset.
The MICDET clamp functionality (including the external IRQ) is maintained in Sleep Mode (see Section 4.13). This enables
a jack insertion event to be used to trigger a wake-up of the CS47L35. A summary of the jack detect and MICDET clamp
functionality, and their recommended usage in typical applications, is described in Section 4.12.2.5.
When the MICDET clamp is active, the MICDET1/HPOUTFB2 and HPOUTFB1/MICDET2 pins are short-circuited
together. The grounding of the MICDET pin is achieved via the applicable HPOUTFB pin; note that it is assumed that the
HPOUTFB connection is grounded externally, as shown in Fig. 4-57.
The configurable logic provides flexibility in selecting the appropriate conditions for activating the MICDET clamp. The
clamp status can be read using the MICD_CLAMP_STSx bits. Note that the MICD_CLAMP_STS1 and MICD_CLAMP_
STS2 bits provide the same information.
The MICDET clamp debounce is selected by setting MICD_CLAMP_DB, as described in Table 4-75. Note that, under
normal operating conditions, the debounce circuit uses the 32-kHz clock, which must be enabled whenever input
debounce functions are required. Input debounce is not provided in Sleep Mode; the MICD_CLAMP_DB bit has no effect
in Sleep Mode.
The MICDET clamp function is shown in Fig. 4-57. Note that the jack plug is shown partially removed, with the MICDET1
pin in contact with the headphone load.
Figure 4-57. MICDET Clamp Circuit
4.12.2.2 Interrupts and Write-Sequencer Control
An interrupt request (IRQ) event is generated whenever the MICDET clamp is asserted or deasserted; see Section 4.15.
Separate mask bits are provided to enable IRQ events on the rising and/or falling edge of the MICDET clamp status.
HPOUTFB/
MICDET2
MICDET1/
HPOUTFB2
MICBIASnx
C
* IN1BLP, IN1BRP
2.2 k
(±2%)
* Note: The Jack plug is shown
partially removed, with the MICDET1
pin in contact with the headphone load.
* see note
MICDET
Clamp Control
MICD_CLAMP_OVD
MICD_CLAMP_MODE
MICD_CLAMP_STSx
MICD_CLAMP_DB
When the MICDET Clamp is active in the configuration
shown, the MICDET1 pin is grounded via the
headphone jack ground connection.
* Note that the IN1Bxx analog mic
channels are recommended with the
external accessory detect function
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com