Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 155 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 155 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 300 page
background image
DS1085F3
155
CS47L35
4.12 External Accessory Detection
When microphone detection is enabled, the CS47L35 performs a number of measurements in order to determine the
MICDET impedance. The measurement process is repeated at a cyclic rate controlled by MICD_RATE. The MICD_RATE
field selects the delay between completion of one measurement and the start of the next. When the microphone detection
result has settled, the CS47L35 indicates valid data by setting MICD_VALID.
The discrete measurement mode and ADC measurement mode provide different capabilities for microphone detection.
The control requirements and the measurement indication mechanisms differ according to the selected mode, as follows:
• In the discrete measurement mode (ACCDET_MODE = 000), the measured impedance is only deemed valid after
more than one successive measurement has produced the same result. The MICD_DBTIME field provides control
of the debounce period; this can be either two measurements or four measurements.
When the microphone detection result has settled (i.e., after the applicable debounce period), the CS47L35
indicates valid data by setting the MICD_VALID bit. The measured impedance is indicated using the MICD_LVL and
MICD_STS bits, as described in Table 4-77.
The MICD_VALID bit, when set, remains asserted for as long as the microphone detection function is enabled (i.e.,
while MICD_ENA = 1). If the detected impedance changes, the MICD_LVL and MICD_STS fields change, but the
MICD_VALID bit remains set, indicating valid data at all times.
The detection circuit supports up to eight impedance levels (including the no-accessory-detected level), enabling
detection of a typical microphone and up to six push buttons. Each measurement level can be enabled or disabled
independently; this provides flexibility according to the required thresholds, and offers a faster measurement time
in some applications. The MICD_LVL_SEL field is described in Section 4.12.3.3. The default configuration supports
a maximum of four push buttons, in accordance with the Android headset specification for accessory push-button
operation.
Note that, for typical headset detection, the choice of external resistance values must take into account the
impedance of the microphone—the detected impedance corresponds to the combined parallel resistance of the
microphone and any asserted push button. Examples of suitable external components are described in
Section 5.1.8.
• In the ADC measurement mode (ACCDET_MODE = 111), the detection function generates two output results,
contained within the MICDET_ADCVAL and MICDET_ADCVAL_DIFF fields. These fields contain the most recent
measurement value (MICDET_ADCVAL) and the measurement difference value (MICDET_ADCVAL_DIFF). The
difference value indicates the difference between the latest measurement and the previous measurement; this can
be used to determine whether the measurement is stable and reliable.
In ADC measurement mode, the detection function must be disabled before the measurement can be read. When
the CS47L35 indicates valid data (MICD_VALID = 1), the detection must be disabled by setting MICD_ENA = 0.
Note that MICDET_ADCVAL and MICDET_ADCVAL_DIFF do not follow a linear coding. The appropriate test
condition for accepting the measurement value (or for rescheduling the measurement) varies depending on the
application requirements, and depending on the expected impedance value.
The microphone detection function is an input to the interrupt control circuit and can be used to trigger an interrupt event
every time an accessory insertion, removal, or impedance change is detected; see Section 4.15.
The fields associated with microphone detection (or other accessories) are described in Table 4-77. The external circuit
configuration is shown in Fig. 4-59.
Table 4-77. Microphone Detect Control
Register
Address
Bit
Label
Default
Description
R659 (0x0293)
Accessory_
Detect_Mode_
1
13
ACCDET_SRC
0
Accessory Detect/Headphone Feedback pin select
0 = Accessory detect on MICDET1; Headphone ground feedback on HPOUTFB1
1 = Accessory detect on MICDET2; Headphone ground feedback on HPOUTFB2
2:0
ACCDET_
MODE[2:0]
000
Accessory Detect Mode Select
000 = Mic detect (MICDETn, discrete mode)
001 = Headphone detect (HPDETL)
010 = Headphone detect (HPDETR)
011 = Reserved
100 = Headphone detect (MICDETn)
101 = Reserved
110 = Reserved
111 = Mic detect (MICDETn, ADC mode)
Note that the MICDETn measurements are implemented on either the MICDET1 or
MICDET2 pins, depending on the ACCDET_SRC bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com