Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 157 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 157 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic CS47L35 Datasheet HTML 160Page - Cirrus Logic CS47L35 Datasheet HTML 161Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 300 page
background image
DS1085F3
157
CS47L35
4.12 External Accessory Detection
Figure 4-59. Microphone- and Accessory-Detect Interface
4.12.3.2 MICBIAS Reference Control
The voltage reference for the microphone detection is configured using the MICD_BIAS_SRC field, as described in
Table 4-77. The microphone detection function automatically enables the applicable reference when required for MICDET
impedance measurement.
If the selected reference (MICBIASnx) is not already enabled, the microphone detect circuit automatically enables the
respective MICBIAS output for short periods of time only, every time the impedance measurement is scheduled. To allow
time for the MICBIAS source to start-up, a time delay is applied before the measurement is performed; this is configured
using MICD_BIAS_STARTTIME, as described in Table 4-77.
Note: The microphone detection automatically enables the applicable MICBIASx generator (MICBIAS1 or MICBIAS2),
every time the impedance measurement is scheduled. The respective MICBIAS output switches are not controlled
automatically—the applicable switches must be enabled using the MICB1A_ENA, MICB1B_ENA or and MICB2A_
ENA bits, as described in Table 4-112.
The MICD_BIAS_STARTTIME field should be set to 16 ms or more if MICBn_RATE = 1 (pop-free start-up/shutdown).
MICD_BIAS_STARTTIME should be set to 0.25 ms or more if MICBn_RATE = 0 (fast start-up/shutdown).
The timing of the microphone detect function is shown in Fig. 4-60. Two different cases are shown, according to whether
MICBIASnx is enabled periodically by the impedance measurement function, or is enabled at all times.
If the selected reference (MICBIASnx) is not enabled continuously, the respective MICBIASnx discharge bits should be
cleared. The MICBIAS control registers are described in Section 4.19.
MICDET1
Accessory /
Button Detect
AGND
MICDET2
Detection pin selected by ACCDET_SRC:
(MICDET1 or MICDET2)
Microphone/Accessory detection
selected by ACCDET_MODE
Analog Input
C
* INnx
MICBIAS2A
MICBIAS1B
MICBIAS1A
MICVDD
LDO2
Regulator
External Accessories
2.2 k
(±2%)
Microphone
Hookswitch
/ Button 1
Button 2
* Note that the IN1Bxx analog mic
channels are recommended with the
external accessory detect function
Accessory-detect supply
source selected by
MICD_BIAS_SRC:
(MICVDD, MICBIAS1A,
MICBIAS1B, or MICBIAS2A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com