Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 161 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 161 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic CS47L35 Datasheet HTML 160Page - Cirrus Logic CS47L35 Datasheet HTML 161Page - Cirrus Logic CS47L35 Datasheet HTML 162Page - Cirrus Logic CS47L35 Datasheet HTML 163Page - Cirrus Logic CS47L35 Datasheet HTML 164Page - Cirrus Logic CS47L35 Datasheet HTML 165Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 300 page
background image
DS1085F3
161
CS47L35
4.12 External Accessory Detection
Table 4-80. Headphone Detect Control
Register Address
Bit
Label
Default
Description
R12792 (0x31F8)
OTP_HPDET_Cal_
1
31:24 HP_OFFSET_
11[7:0]
See
Footnote 1
Headphone Detect Calibration field.
Signed number, LSB = 0.25.
Range is –31.75 to +31.75.
Default value is factory-set per device.
23:16 HP_OFFSET_
10[7:0]
See
Footnote 1
Headphone Detect Calibration field.
Signed number, LSB = 0.25.
Range is –31.75 to +31.75.
Default value is factory-set per device.
15:8 HP_OFFSET_
01[7:0]
See
Footnote 1
Headphone Detect Calibration field.
Signed number, LSB = 0.25.
Range is –31.75 to +31.75.
Default value is factory-set per device.
7:0 HP_OFFSET_
00[7:0]
See
Footnote 1
Headphone Detect Calibration field.
Signed number, LSB = 0.25.
Range is –31.75 to +31.75.
Default value is factory-set per device.
R12794 (0x31FA)
OTP_HPDET_Cal_
2
15:8 HP_
GRADIENT_
1X[7:0]
See
Footnote 1
Headphone Detect Calibration field.
Signed number, LSB = 0.25.
Range is –31.75 to +31.75.
Default value is factory-set per device.
7:0 HP_
GRADIENT_
0X[7:0]
See
Footnote 1
Headphone Detect Calibration field.
Signed number, LSB = 0.25.
Range is –31.75 to +31.75.
Default value is factory-set per device.
R659 (0x0293)
Accessory_Detect_
Mode_1
13
ACCDET_
SRC
0
Accessory Detect/Headphone Feedback pin select
0 = Accessory detect on MICDET1, Headphone ground feedback on HPOUTFB1
1 = Accessory detect on MICDET2, Headphone ground feedback on HPOUTFB2
2:0 ACCDET_
MODE[2:0]
00
Accessory Detect Mode Select.
000 = Mic detect (MICDETn, discrete mode)
001 = Headphone detect (HPDETL)
010 = Headphone detect (HPDETR)
011 = Reserved
100 = Headphone detect (MICDETn)
101–110 = Reserved
111 = Mic detect (MICDETn, ADC
mode)
Note that the MICDETn measurements are implemented on either the MICDET1 or
MICDET2 pins, depending on the ACCDET_SRC bit
R667 (0x029B)
Headphone_
Detect_1
10:9 HP_
IMPEDANCE_
RANGE[1:0]
00
Headphone Detect Range
00 = 4
 to 30 
01 = 8
 to 100 
10 = 100
 to 1 k
11 = 1 k
 to 10 k
Only valid when ACCDET_MODE = 001 or ACCDET_MODE = 010.
4:3 HP_CLK_
DIV[1:0]
00
Headphone Detect Clock Rate (Selects the clocking rate of the headphone detect
adjustable current source. Decreasing the clock rate gives a slower measurement
time.)
00 = 32 kHz
01 = 16 kHz
10 = 8 kHz
11 = 4 kHz
2:1 HP_RATE[1:0]
00
Headphone Detect Sweep Rate
(Selects the step size between successive measurements. Increasing the step size
gives a faster measurement time.)
00 = 1
01 = 2
10 = 4
11 = Reserved
0
HP_POLL
0
Headphone Detect Enable
Write 1 to start HP Detect function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com