Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 164 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 164 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 160Page - Cirrus Logic CS47L35 Datasheet HTML 161Page - Cirrus Logic CS47L35 Datasheet HTML 162Page - Cirrus Logic CS47L35 Datasheet HTML 163Page - Cirrus Logic CS47L35 Datasheet HTML 164Page - Cirrus Logic CS47L35 Datasheet HTML 165Page - Cirrus Logic CS47L35 Datasheet HTML 166Page - Cirrus Logic CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 300 page
background image
164
DS1085F3
CS47L35
4.14 General-Purpose I/O
The always-on functionality includes the JD1 and JD2 control signals, which provide support for the low-power Sleep
Mode. The MICDET clamp status signal is also supported; this is controlled by a selectable logic function, derived from
JD1 and/or JD2.
The JD1, JD2 and MICDET clamp status signals are derived from the JACKDET1 and JACKDET2 inputs, and can be used
to trigger the interrupt controller.
• The JD1 and JD2 signals are derived from the jack detect function (see Section 4.12). These inputs can be used to
trigger a response to a jack insertion or jack removal detection.
When these signals are enabled, the JD1 and JD2 signals indicate the status of the JACKDET1 and JACKDET2
input pins respectively. See Table 4-74 for details of the associated control fields.
• The MICDET clamp status is controlled by the JD1 and/or JD2 signals (see Section 4.12). The configurable logic
provides flexibility in selecting the appropriate conditions for activating the MICDET clamp. The clamp status can
be used to trigger a response to a jack insertion or jack removal detection.
The MICDET clamp function is configured using MICD_CLAMP_MODE, as described in Table 4-75.
The interrupt functionality associated with these signals is part of the always-on functionality, enabling the CS47L35 to
provide indication of jack insertion or jack removal to the host processor in Sleep Mode; see Section 4.15.
Note that the JACKDET1 and JACKDET2 inputs do not result in a wake-up transition directly; a wake-up transition only
occurs by reapplication of DCVDD. In a typical application, the JACKDETn inputs provide a signal to the applications
processor, via the IRQ output; if a wake-up transition is required, this is triggered by the applications processor enabling
the DCVDD supply.
4.14 General-Purpose I/O
The CS47L35 provides a number of GPIO functions to enable interfacing and detection of external hardware and to
provide logic outputs to other devices. The GPIO input functions can be used to generate an interrupt (IRQ) event. The
GPIO and interrupt circuits support the following functions:
• Pin-specific alternative functions for external interfaces (AIF, DMIC, PDM, MIF)
• Logic input/button detect (GPIO input)
• Logic 1 and Logic 0 output (GPIO output)
• Interrupt (IRQ) status output
• Clock output
• Frequency-locked loop (FLL) status output
• FLL clock output
• IEC-60958-3–compatible S/PDIF output
• Pulse-width modulation (PWM) signal output
• Overtemperature, speaker short-circuit protection, and speaker shutdown status output
• General-purpose timer status output
• Event logger FIFO buffer status output
Note that the GPIO pins are referenced to different power domains (DBVDD1 or DBVDD2), as indicated in Table 1-1.
Table 4-82. Sleep Mode Always-On Digital Input/Output Pins
Pin Name
Description
Reference
IRQ
Interrupt Request output
See Section 4.15
JACKDET1
Jack Detect input 1
See Section 4.12
JACKDET2
Jack Detect input 2
See Section 4.12
RESET
Digital Reset input (active low)
See Section 4.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com