Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 166 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 166 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 162Page - Cirrus Logic CS47L35 Datasheet HTML 163Page - Cirrus Logic CS47L35 Datasheet HTML 164Page - Cirrus Logic CS47L35 Datasheet HTML 165Page - Cirrus Logic CS47L35 Datasheet HTML 166Page - Cirrus Logic CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic CS47L35 Datasheet HTML 170Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 300 page
background image
166
DS1085F3
CS47L35
4.14 General-Purpose I/O
Table 4-83. GPIO Control
Register Address
Bit
Label
Default
Description
R5888 (0x1700)
GPIO1_CTRL_1
to
R5918 (0x171E)
GPIO16_CTRL_1
15
GPn_LVL
See
Footnote 2
GPIOn level. Write to this bit to set a GPIO output. Read from this bit to read GPIO
input level.
For output functions only, if GPn_POL is set, the GPn_LVL bit is the opposite logic
level to the external pin.
Note that, if GPn_DIR = 0, the GPn_LVL bit is write-only.
14
GPn_OP_CFG
0
GPIOn Output Configuration
0 = CMOS
1 = Open drain
Note that, if GPn_FN = 0x000 or 0x002, this bit has no effect on the GPIOn output.
If GPn_FN = 0x000, the pin configuration is set according to the applicable
pin-specific function (see Table 4-85). If GPn_FN = 0x002, the pin configuration is
CMOS.
13
GPn_DB
1
GPIOn Input Debounce
0 = Disabled
1 = Enabled
12
GPn_POL
0
GPIOn Output Polarity Select
0 = Noninverted (Active High)
1 = Inverted (Active Low)
Note that, if GPn_FN = 0x000 or 0x002, this bit has no effect on the GPIOn output.
8:0 GPn_FN[8:0]
0x001
GPIOn Pin Function
(see Table 4-84 for details)
R5889 (0x1701)
GPIO1_CTRL_2
to
R5919 (0x171F)
GPIO16_CTRL_2
15
GPn_DIR
1
GPIOn Pin Direction
0 = Output
1 = Input
The GPn_DIR bit has no effect if GPn_FN = 0x000 or 0x002. If GPn_FN = 0x000,
the pin direction is set according to the applicable pin-specific function (see
Table 4-85). If GPn_FN = 0x002, the pin direction is set according to the DSP GPIO
configuration.
14
GPn_PU
1
GPIOn Pull-Up Enable
0 = Disabled
1 = Enabled
Note: If GPn_PD and GPn_PU are both set, a bus keeper function is enabled on
the respective GPIOn pin.
13
GPn_PD
1
GPIOn Pull-Down Enable
0 = Disabled
1 = Enabled
Note: If GPn_PD and GPn_PU are both set, a bus keeper function is enabled on
the respective GPIOn pin.
R6848 (0x1AC0)
GPIO_Debounce_
Config
3:0 GP_DBTIME[3:0]
0000
GPIO Input debounce time
0x0 = 100
s
0x1 = 1.5 ms
0x2 = 3 ms
0x3 = 6 ms
0x4 = 12 ms
0x5 = 24 ms
0x6 = 48 ms
0x7 = 96 ms
0x8 = 192 ms
0x9 = 384 ms
0xA = 768 ms
0xB to 0xF = Reserved
1. n is a number (1–16) that identifies the individual GPIO.
2. The default value of GPn_LVL depends upon whether the pin is actively driven by another device. If the pin is actively driven, the bus keeper
maintains this logic level. If the pin is not actively driven, the bus keeper may establish either a Logic 1 or Logic 0 as the initial input level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com