Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 165 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 165 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 161Page - Cirrus Logic CS47L35 Datasheet HTML 162Page - Cirrus Logic CS47L35 Datasheet HTML 163Page - Cirrus Logic CS47L35 Datasheet HTML 164Page - Cirrus Logic CS47L35 Datasheet HTML 165Page - Cirrus Logic CS47L35 Datasheet HTML 166Page - Cirrus Logic CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 300 page
background image
DS1085F3
165
CS47L35
4.14 General-Purpose I/O
Logic input and output (GPIO) can be supported in two different ways on the CS47L35. The standard mechanism
described in this section provides a comprehensive suite of options including input debounce, and selectable output drive
configuration. The DSP GPIO circuit is tailored towards more advanced requirements typically demanded by DSP software
features. The DSP GPIO functions are described in Section 4.5.4.
The CS47L35 also incorporates a general-purpose switch feature, which can be used as a controllable analog switch, as
described in Section 4.14.16.
4.14.1 GPIO Control
For each GPIO, the selected function is determined by the GPn_FN field, where n identifies the GPIO pin (1–16). The pin
direction, set by GPn_DIR, must be set according to function selected by GPn_FN.
If a pin is configured as a GPIO input (GPn_DIR = 1, GPn_FN = 0x001), the logic level at the pin can be read from the
respective GPn_LVL bit. Note that GPn_LVL is not affected by the GPn_POL bit.
A debounce circuit can be enabled on any GPIO input, to avoid false event triggers. This is enabled on each pin by setting
the respective GPn_DB bit. The debounce circuit uses the 32-kHz clock, which must be enabled whenever input debounce
functions are required. The debounce time is configurable using the GP_DBTIME field. See Section 4.16 for further details
of the CS47L35 clocking configuration.
Each of the GPIO pins is an input to the interrupt control circuit and can be used to trigger an interrupt event. An interrupt
event is triggered on the rising and falling edges of the GPIO input. The associated interrupt bit is latched once set; it can
be polled at any time or used to control the IRQ signal. See Section 4.15 for details of the interrupt event handling.
Integrated pull-up and pull-down resistors are provided on each of the GPIO pins; these can be configured independently
using the GPn_PU and GPn_PD fields. When the pull-up and pull-down control bits are both enabled, the CS47L35
provides a bus keeper function on the respective pin. The bus keeper function holds the logic level unchanged whenever
the pin is undriven (e.g., if the signal is tristated).
Note: The bus keeper is enabled by default on all GPIO pins and, if not actively driven, may result in either a Logic 0 or
Logic 1 at the respective input on start-up. If an external pull resistor is connected (e.g., to control the logic level
in Sleep Mode), the chosen resistance should take account of the bus keeper resistance (see Table 3-10). A
strong pull resistor (e.g., 10 k
) is required, if a specific start-up condition is to be forced by the external pull
component.
If a pin is configured as a GPIO output (GPn_DIR = 0, GPn_FN = 0x001), its level can be set to Logic 0 or Logic 1 using
the GPn_LVL field. Note that the GPn_LVL bits are write-only when the respective GPIO pin is configured as an output.
If a pin is configured as an output (GPn_DIR = 0), the polarity can be inverted using the GPn_POL bit. When GPn_
POL = 1, the selected output function is inverted. In the case of logic level output (GPn_FN = 0x001), the external output
is the opposite logic level to GPn_LVL when GPn_POL = 1. Note that, if GPn_FN = 0x000 or 0x002, the GPn_POL bit has
no effect on the respective GPIO pin.
A GPIO output can be either CMOS driven or open drain. This is selected on each pin using the respective GPn_OP_CFG
bit. Note that if GPn_FN = 0x000 the GPn_OP_CFG bit has no effect on the respective GPIO pin—see Table 4-83 for
further details. If GPn_FN = 0x002, the respective pin output is CMOS.
The register fields that control the GPIO pins are described in Table 4-83.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com