Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 169 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 169 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 165Page - Cirrus Logic CS47L35 Datasheet HTML 166Page - Cirrus Logic CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic CS47L35 Datasheet HTML 170Page - Cirrus Logic CS47L35 Datasheet HTML 171Page - Cirrus Logic CS47L35 Datasheet HTML 172Page - Cirrus Logic CS47L35 Datasheet HTML 173Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 300 page
background image
DS1085F3
169
CS47L35
4.14 General-Purpose I/O
4.14.7 Interrupt (IRQ) Status Output—GPn_FN = 0x003, 0x004
The CS47L35 has an interrupt controller, which can be used to indicate when any selected interrupt events occur.
Individual interrupts may be masked in order to configure the interrupt as required. See Section 4.15 for full definition of
all supported interrupt events.
The interrupt controller supports two separate interrupt request (IRQ) outputs. The IRQ1 or IRQ2 status may be output
directly on a GPIO pin by setting the respective GPIO fields as described in Section 4.14.1.
Note that the IRQ1 status is output on the IRQ pin at all times.
4.14.8 Frequency-Locked Loop (FLL) Clock Output—GPn_FN = 0x010
A clock output derived from the FLL may be output on a GPIO pin. The GPIO output from the FLL is controlled by FLL1_
GPCLK_DIV and FLL1_GPCLK_ENA, as described in Table 4-86.
It is recommended to disable the clock output (FLL1_GPCLK_ENA = 0) before making any change to the FLL1_GPCLK_
DIV field.
Note that FLL1_GPCLK_DIV and FLL1_GPCLK_ENA affect the GPIO outputs only; they do not affect the FLL frequency.
The maximum output frequency supported for GPIO output is noted in Table 3-10.
The FLL clock output may be output directly on a GPIO pin by setting the respective GPIO fields as described in
Section 4.14.1.
See Section 4.16 for details of the CS47L35 system clocking and how to configure the FLL.
4.14.9 Frequency-Locked Loop (FLL) Status Output—GPn_FN = 0x018
The CS47L35 provides an FLL status flag, which may be used to control other events. The FLL lock signal indicates
whether FLL lock has been achieved. See Section 4.16.9 for details of the FLL.
The FLL lock signal may be output directly on a GPIO pin by setting the respective GPIO fields as described in
Section 4.14.1.
The FLL lock signal is an input to the interrupt controller circuit. An interrupt event is triggered on the rising and falling
edges of this signal. The associated interrupt bits are latched once set; they can be polled at any time or used to control
the IRQ signal. See Section 4.15 for details of the interrupt event handling.
4.14.10 OPCLK Clock Output—GPn_FN = 0x040
A clock output (OPCLK) derived from SYSCLK can be output on a GPIO pin. The OPCLK frequency is controlled by
OPCLK_DIV and OPCLK_SEL. The OPCLK output is enabled by setting OPCLK_ENA, as described in Table 4-87.
It is recommended to disable the clock output (OPCLK_ENA = 0) before making any change to OPCLK_DIV or OPCLK_
SEL.
Table 4-86. FLL Clock Output Control
Register Address
Bit
Label
Default
Description
R392 (0x0188)
FLL1_GPIO_Clock
7:1 FLL1_GPCLK_
DIV[6:0]
0x06
FLL1 GPIO Clock Divider
0x00 to 0x05 = Reserved
0x06 = Divide by 6
0x07 = Divide by 7
0x08 = Divide by 8
0x09 = Divide by 9
…
0x7F = Divide by 127
(FGPIO = FVCO/FLL1_GPCLK_DIV)
0
FLL1_GPCLK_
ENA
0
FLL1 GPIO Clock Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com