Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 172 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 172 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic CS47L35 Datasheet HTML 170Page - Cirrus Logic CS47L35 Datasheet HTML 171Page - Cirrus Logic CS47L35 Datasheet HTML 172Page - Cirrus Logic CS47L35 Datasheet HTML 173Page - Cirrus Logic CS47L35 Datasheet HTML 174Page - Cirrus Logic CS47L35 Datasheet HTML 175Page - Cirrus Logic CS47L35 Datasheet HTML 176Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 300 page
background image
172
DS1085F3
CS47L35
4.15 Interrupts
The switch is a bidirectional analog switch, offering flexibility in the potential circuit applications. Refer to Table 3-2 and
Table 3-10 for further details.
The switch can be used in conjunction with the MICDET clamp function to suppress pops and clicks associated with jack
insertion and removal. An example circuit is shown in Fig. 4-58 within the External Accessory Detection section. Note that
the MICDET clamp function must also be configured appropriately when using this method of pop suppression.
4.15 Interrupts
The interrupt controller has multiple inputs. These include the jack detect and GPIO input pins, DSP_IRQn flags,
headphone/accessory detection, FLL lock detection, and status flags from DSP peripheral functions. See Table 4-89 and
Table 4-90 for a full definition of the interrupt controller inputs. Any combination of these inputs can be used to trigger an
interrupt request event.
The interrupt controller supports two sets of interrupt registers. This allows two separate interrupt request (IRQ) outputs
to be generated, and for each IRQ to report a different set of input or status conditions.
For each interrupt request (IRQ1 and IRQ2) output, there is an interrupt register field associated with each of the interrupt
inputs. These fields are asserted whenever a logic edge is detected on the respective input. Some inputs are triggered on
rising edges only; some are triggered on both edges. Separate rising and falling interrupt bits are provided for the JD1 and
JD2 signals. The interrupt register fields for IRQ1 are described in Table 4-89. The interrupt register fields for IRQ2 are
described in Table 4-90. The interrupt flags can be polled at any time or in response to the interrupt request output being
signaled via the IRQ pin or a GPIO pin.
All interrupts are edge triggered, as noted above. Many are triggered on both the rising and falling edges and, therefore,
the interrupt bits cannot indicate which edge has been detected. The raw status fields described in Table 4-89 and
Table 4-90 indicate the current value of the corresponding inputs to the interrupt controller. Note that the raw status bits
associated with IRQ1 and IRQ2 provide the same information. The status of any GPIO (or DSP GPIO) inputs can also be
read using the GPIO (or DSP GPIO) control fields, as described in Table 4-83 and Table 4-34.
Individual mask bits can enable or disable different functions from the interrupt controller. The mask bits are described in
Table 4-89 (for IRQ1) and Table 4-90 (for IRQ2). Note that a masked interrupt input does not assert the corresponding
interrupt register field and does not cause the associated interrupt request output to be asserted.
The interrupt request outputs represent the logical OR of the associated interrupt registers. IRQ1 is derived from the x_
EINT1 registers; IRQ2 is derived from the x_EINT2 registers. The interrupt register fields are latching fields and, once they
are set, they are not reset until a 1 is written to the respective bits. The interrupt request outputs are not reset until each
of the associated interrupts has been reset.
A debounce circuit can be enabled on any GPIO input, to avoid false event triggers. This is enabled on each pin using the
fields described in Table 4-83. The GPIO debounce circuit uses the 32-kHz clock, which must be enabled whenever the
GPIO debounce function is required.
A debounce circuit is always enabled on the FLL status inputs; to trigger an interrupt from the FLL status inputs, the 32-kHz
clock or the SYSCLK signal must be enabled. Note that the raw status fields (described in Table 4-89 and Table 4-90) are
valid without clocking, and can be used to provide FLL status indication when system clocks are not available.
The IRQ outputs can be globally masked using the IM_IRQ1 and IM_IRQ2 bits. When not masked, the IRQ status can be
read from IRQ1_STS and IRQ2_STS for the respective IRQ outputs.
Table 4-88. General-Purpose Switch Control
Register Address
Bit
Label
Default
Description
R712 (0x02C8)
GP_Switch_1
1:0
SW1_MODE[1:0]
00
General-purpose Switch control
00 = Disabled (open)
01 = Enabled (closed)
10 = Enabled when MICDET clamp is active
11 = Enabled when MICDET clamp is not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com