Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 171 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 171 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic CS47L35 Datasheet HTML 170Page - Cirrus Logic CS47L35 Datasheet HTML 171Page - Cirrus Logic CS47L35 Datasheet HTML 172Page - Cirrus Logic CS47L35 Datasheet HTML 173Page - Cirrus Logic CS47L35 Datasheet HTML 174Page - Cirrus Logic CS47L35 Datasheet HTML 175Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 300 page
background image
DS1085F3
171
CS47L35
4.14 General-Purpose I/O
4.14.13 Overtemperature, Short-Circuit Protection, and Speaker Shutdown Status Output—
GPn_FN = 0x0B6, 0x0E0, 0x0E1, 0x0E2.
The CS47L35 incorporates a temperature sensor, which detects when the device temperature is within normal limits or if
the device is approaching a hazardous temperature condition.
The temperature status may be output directly on a GPIO pin by setting the respective GPIO fields as described in
Section 4.14.1. A GPIO pin can be used to indicate either an Overheat Warning Temperature event or an Overheat
Shutdown Temperature event.
The CS47L35 provides short-circuit protection on the Class D speaker outputs, and on each of the headphone output
paths.
The status of the Class D speaker short-circuit detection circuits may be output directly on a GPIO pin by setting the
respective GPIO fields as described in Section 4.14.1.
If the Overheat Shutdown Temperature is exceeded, or if a short circuit is detected on the Class D speaker outputs, the
Class D speaker outputs are automatically disabled in order to protect the device. The general-purpose timers can be used
as a watchdog function to trigger a shutdown of the Class D speaker drivers. Further details of the Speaker Shutdown
functions are described in Section 4.21. When the speaker driver shutdown is complete, the Speaker Shutdown signal is
asserted. The speaker driver shutdown status can also be output directly on a GPIO pin.
The Overtemperature, short-circuit protection, and Speaker Shutdown status flags are inputs to the interrupt control circuit.
An interrupt event may be triggered on the applicable edges of these signals. The associated interrupt bit is latched once
set; it can be polled at any time or used to control the IRQ signal. See Section 4.15 for details of the interrupt event
handling.
4.14.14 General-Purpose Timer Status Output—GPn_FN = 0x140–0x143
The general-purpose timers can count up or down, and support continuous or single count modes. Status outputs
indicating the progress of these timers are provided. See Section 4.5.3 for details of the general-purpose timers.
A logic signal from the general-purpose timers may be output directly on a GPIO pin by setting the respective GPIO fields
as described in Section 4.14.1
. This logic signal is pulsed high whenever the respective timer reaches its final count value.
The general-purpose timers also provide inputs to the interrupt control circuit. An interrupt event is triggered whenever the
respective timer reaches its final count value. The associated interrupt bits are latched once set; they can be polled at any
time or used to control the IRQ signal. See Section 4.15 for details of the interrupt event handling.
4.14.15 Event Logger FIFO Buffer Status Output—GPn_FN = 0x150–0x153
The event loggers are each provided with a 16-stage FIFO buffer, in which any detected events (signal transitions) are
recorded. Status outputs for each FIFO buffer are provided. See Section 4.5.2 for details of the event loggers.
A logic signal from the event loggers may be output directly on a GPIO pin by setting the respective GPIO fields as
described in Section 4.14.1. This logic signal is set high whenever the FIFO not-empty condition is true.
The event loggers also provide inputs to the interrupt control circuit. An interrupt event is triggered whenever the respective
FIFO condition occurs. The associated interrupt bits are latched once set; they can be polled at any time or used to control
the IRQ signal. See Section 4.15 for details of the interrupt event handling.
4.14.16 General-Purpose Switch
The CS47L35 provides a general-purpose switch, which can be used as a controllable analog switch for external functions.
The switch is implemented between the GPSWP and GPSWN pins. Note that this feature is entirely independent of the
GPIOn pins.
The general-purpose switch is configured using SW1_MODE. This field allows the switch to be disabled, enabled, or
synchronized to the MICDET clamp status, as described in Table 4-88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com