Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 167 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 167 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 163Page - Cirrus Logic CS47L35 Datasheet HTML 164Page - Cirrus Logic CS47L35 Datasheet HTML 165Page - Cirrus Logic CS47L35 Datasheet HTML 166Page - Cirrus Logic CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic CS47L35 Datasheet HTML 170Page - Cirrus Logic CS47L35 Datasheet HTML 171Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 300 page
background image
DS1085F3
167
CS47L35
4.14 General-Purpose I/O
4.14.2 GPIO Function Select
The available GPIO functions are described in Table 4-84. The function of each GPIO is set using GPn_FN, where n
identifies the GPIO pin (1–16). Note that the respective GPn_DIR must also be set according to whether the function is an
input or output.
4.14.3 Pin-Specific Alternative Function—GPn_FN = 0x000
The CS47L35 GPIO capability is multiplexed with the pin-specific functions listed in Table 4-85. The alternate functions
are selected by setting the respective GPn_FN fields to 0x000, as described in Section 4.14.1. Note that each function is
unique to the associated pin and can be supported only on that pin.
If the alternate function is selected on a GPIO pin, the pin direction (input or output) and the output driver configuration
(CMOS or open drain) are set automatically as described in Table 4-85. The respective GPn_DIR and GPn_OP_CFG bits
have no effect in this case.
Table 4-84. GPIO Function Select
GPn_FN
Description
Comments
0x000
Pin-specific alternate function
Alternate functions supporting digital microphone, digital audio interface, master control
interface, and PDM output functions.
0x001
Button-detect input/logic-level
output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
0x002
DSP GPIO
Low latency input/output for DSP functions.
0x003
IRQ1 output
Interrupt (IRQ1) output
0 = IRQ1 not asserted
1 = IRQ1 asserted
0x004
IRQ2 output
Interrupt (IRQ2) output
0 = IRQ2 not asserted
1 = IRQ2 asserted
0x010
FLL1 clock
Clock output from FLL1
0x018
FLL1 lock
Indicates FLL1 lock status
0 = Not locked
1 = Locked
0x040
OPCLK clock output
Configurable clock output derived from SYSCLK
0x048
PWM1 output
Configurable PWM output PWM1
0x049
PWM2 output
Configurable PWM output PWM2
0x04C S/PDIF output
IEC-60958-3–compatible S/PDIF output
0x0B6 SPKOUTL short circuit status
SPKOUT short circuit status
0=Normal
1 = Short Circuit detected
0x0E0 Speaker shutdown status
Speaker shutdown status
0=Normal
1 = Speaker shutdown completed (due to overheat temperature, short-circuit protection, or
general-purpose timer condition)
0x0E1 Speaker overheat shutdown
Indicates shutdown temperature status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level
0x0E2 Speaker overheat warning
Indicates warning temperature status
0 = Temperature is below warning level
1 = Temperature is above warning level
0x140
Timer 1 status
Timer n status
A pulse is output after the respective timer reaches its final count value.
0x141
Timer 2 status
0x142
Timer 3 status
0x143
Timer 4 status
0x150
Event Log 1 FIFO not-empty status Event Log n FIFO Not-Empty status
0=FIFO Empty
1 = FIFO Not Empty
0x151
Event Log 2 FIFO not-empty status
0x152
Event Log 3 FIFO not-empty status
0x153
Event Log 4 FIFO not-empty status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com