Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 170 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 170 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 166Page - Cirrus Logic CS47L35 Datasheet HTML 167Page - Cirrus Logic CS47L35 Datasheet HTML 168Page - Cirrus Logic CS47L35 Datasheet HTML 169Page - Cirrus Logic CS47L35 Datasheet HTML 170Page - Cirrus Logic CS47L35 Datasheet HTML 171Page - Cirrus Logic CS47L35 Datasheet HTML 172Page - Cirrus Logic CS47L35 Datasheet HTML 173Page - Cirrus Logic CS47L35 Datasheet HTML 174Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 300 page
background image
170
DS1085F3
CS47L35
4.14 General-Purpose I/O
The OPCLK output should be kept disabled (OPCLK_ENA = 0) if SYSCLK is not enabled. SYSCLK must be present and
enabled before setting the OPCLK_ENA bit. See Section 4.16.4 for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
The OPCLK clock can be output directly on a GPIO pin by setting the respective GPIO fields as described in
Section 4.14.1.
Note that the OPCLK source frequency cannot be higher than the SYSCLK frequency. The maximum output frequency
supported for GPIO output is noted in Table 3-10.
See Section 4.16 for details of the SYSCLK system clock.
4.14.11 Pulse-Width Modulation (PWM) Signal Output—GPn_FN = 0x048, 0x049
The CS47L35 incorporates two PWM signal generators, which can be enabled as GPIO outputs. The duty cycle of each
PWM signal can be modulated by an audio source, or can be set to a fixed value using a control register setting.
The PWM outputs may be output directly on a GPIO pin by setting the respective GPIO fields as described in
Section 4.14.1.
See Section 4.3.12 for details of how to configure the PWM signal generators.
4.14.12 S/PDIF Audio Output—GPn_FN = 0x04C
The CS47L35 incorporates an IEC-60958-3–compatible S/PDIF transmitter, which can be selected as a GPIO output. The
S/PDIF transmitter supports stereo audio channels and allows full control over the S/PDIF validity bits and channel status
information.
The S/PDIF signal may be output directly on a GPIO pin by setting the respective GPIO fields as described in
Section 4.14.1.
See Section 4.3.8 for details of how to configure the S/PDIF output generator.
Table 4-87. OPCLK Control
Register Address
Bit
Label
Default
Description
R329 (0x0149)
Output_system_
clock
15
OPCLK_ENA
0
OPCLK Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_DIV[4:0]
0x00 OPCLK Divider
0x02 = Divide by 2
0x04 = Divide by 4
0x06 = Divide by 6
… (even numbers only)
0x1E = Divide by 30
Note that only even numbered divisions (2, 4, 6, etc.) are valid selections.
All other codes are reserved when the OPCLK signal is enabled.
2:0
OPCLK_SEL[2:0]
000
OPCLK Source Frequency
000 = 6.144 MHz (5.6448 MHz)
001 = 12.288 MHz (11.2896 MHz)
010 = 24.576 MHz (22.5792 MHz)
011 = 49.152 MHz (45.1584 MHz)
All other codes are reserved
The frequencies in brackets apply for 44.1 kHz–related SYSCLK rates only (i.e.,
SAMPLE_RATE_n =01XXX).
The OPCLK Source Frequency must be less than or equal to the SYSCLK
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com