Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 162 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 162 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic CS47L35 Datasheet HTML 160Page - Cirrus Logic CS47L35 Datasheet HTML 161Page - Cirrus Logic CS47L35 Datasheet HTML 162Page - Cirrus Logic CS47L35 Datasheet HTML 163Page - Cirrus Logic CS47L35 Datasheet HTML 164Page - Cirrus Logic CS47L35 Datasheet HTML 165Page - Cirrus Logic CS47L35 Datasheet HTML 166Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 300 page
background image
162
DS1085F3
CS47L35
4.12 External Accessory Detection
The external connections for the headphone detect circuit are shown in Fig. 4-61.
Figure 4-61. Headphone Detect Interface
Note that, where external resistors are connected in series with the headphone load, as shown, it is recommended that
the HPDETn connection is to the headphone side of the resistors. If the HPDETn connection is made to the CS47L35 end
of these resistors, this leads to a corresponding offset in the measured impedance.
Under default conditions, the measurement time varies between 17–244 ms, depending on the impedance of the external
load. A high impedance is measured faster than a low impedance.
R668 (0x029C)
Headphone_
Detect_2
15
HP_DONE
0
Headphone Detect Status
0 = HP Detect not complete
1 = HP Detect done
14:0 HP_LVL[14:0]
0x0000
Headphone Detect Level
LSB = 0.5
8 = 4
or less
9 = 4.5
10 = 5
11 = 5.5
…
20,000 = 10 k
 or more
For HPDETL or HPDETR measurement (ACCDET_MODE = 001 or 010), HPD_LVL
is valid from 4
 to10 k, within the range selected by HP_IMPEDANCE_RANGE.
For MICDETn measurement (ACCDET_MODE = 100), HPD_LVL is valid from 400
to 6 k
. only.
If HP_LVL reports a value outside the selected range, the range should be adjusted
and the measurement repeated. A 0-
 result may be reported if the measurement is
less than the minimum value for the selected range.
R669 (0x029D)
Headphone_
Detect_3
9:0 HP_
DACVAL[9:0]
0x000
Headphone Detect Level (Coded as integer, LSB = 1.
See separate description for full decode information.)
R671 (0x029F)
Headphone_
Detect_5
9:0 HP_DACVAL_
DOWN[9:0]
0x000
Headphone Detect Level (Coded as integer, LSB = 1.
See separate description for full decode information.)
1. Default value is factory-set per device.
Table 4-80. Headphone Detect Control (Cont.)
Register Address
Bit
Label
Default
Description
HPOUTFB
Headphone Detect /
Impedance
measurement
Headphone Detect selected
by ACCDET_MODE
HPDETL
HPDETR
HPOUTL
HPOUTR
(Note: HPOUTFB ground
connection close to headset jack )
MICDET
(optional series resistors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com