Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 159 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 159 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic CS47L35 Datasheet HTML 158Page - Cirrus Logic CS47L35 Datasheet HTML 159Page - Cirrus Logic CS47L35 Datasheet HTML 160Page - Cirrus Logic CS47L35 Datasheet HTML 161Page - Cirrus Logic CS47L35 Datasheet HTML 162Page - Cirrus Logic CS47L35 Datasheet HTML 163Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 300 page
background image
DS1085F3
159
CS47L35
4.12 External Accessory Detection
Note that, for typical headset detection, the choice of external resistance values must take into account the impedance of
the microphone—the detected impedance corresponds to the combined parallel resistance of the microphone and any
asserted push button.
4.12.4 Headphone Detect
The CS47L35 headphone detection circuit measures the impedance of an external headphone load. This feature can be
used to set different gain levels or to apply other configuration settings according to the type of load connected. Separate
monitor pins are provided for headphone detection on the left and right channels of HPOUT.
4.12.4.1 Headphone Detection Control
Headphone detection can be enabled on the HPDETL pin or the HPDETR pin. Under recommended configuration, these
pins provide measurement of the HPOUTL and HPOUTR loads respectively.
The headphone detect function can also be enabled on the MICDET1 pin or the MICDET2 pin. Note that, in this
configuration, any MICBIAS output that is connected to the selected MICDET pin must be disabled and floating (MICBnx_
ENA = 0, MICBnx_DISCH = 0).
The applicable headphone detection pin is selected using the ACCDET_MODE field. When MICDETn is selected
(ACCDET_MODE = 100), the applicable MICDETn pin is determined by the ACCDET_SRC bit, as described in
Table 4-80.
The CS47L35 can only support one headphone or microphone detection function at any time. When the detection function
is not in use, it is recommended to set ACCDET_MODE = 000.
Headphone detection on the selected channel is commanded by writing 1 to HP_POLL.
The impedance measurement range is configured using HP_IMPEDANCE_RANGE. This field should be set in
accordance with the expected load impedance. Note that a number of separate measurements are typically required to
determine the load impedance; the recommended control requirements are described in Section 4.12.4.2.
Note: Setting HP_IMPEDANCE_RANGE is not required for detection on the MICDETn pins (ACCDET_MODE = 100).
The impedance measurement range, and measurement accuracy, in this mode are different to the HPDETL and
HPDETR measurement modes.
For correct operation, the respective output drivers must be disabled when headphone detection is commanded on
HPOUTL or HPOUTR. The required settings are shown in Table 4-78.
When headphone detection is commanded, the CS47L35 uses an adjustable current source to determine the connected
impedance. A sweep of measurement currents is applied. The rate of this sweep can be adjusted using HP_CLK_DIV and
HP_RATE.
4.12.4.2 Measurement Output
The headphone detection process typically comprises a number of separate measurements (for different impedance
ranges). Completion of each measurement is indicated by HP_DONE. When this bit is set, the measurement result can
be read from the HP_DACVAL and HP_DACVAL_DOWN fields, and decoded as described in Eq. 4-2.
Table 4-78. Output Configuration for Headphone Detect
Description
Requirement
HPOUTL Impedance measurement
HP1L_ENA = 0
HPOUTR Impedance measurement
HP1R_ENA = 0
Note: The applicable headphone outputs configuration must be maintained until after the headphone
detection has completed. See Table 4-64 for details of the HP1L_ENA and HP1R_ENA bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com