Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 153 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 153 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic CS47L35 Datasheet HTML 155Page - Cirrus Logic CS47L35 Datasheet HTML 156Page - Cirrus Logic CS47L35 Datasheet HTML 157Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 300 page
background image
DS1085F3
153
CS47L35
4.12 External Accessory Detection
4.12.2.5 Control Sequence for Jack Detect and MICDET Clamp
A summary of the jack detect and MICDET clamp functionality, and the recommended usage in typical applications, is
described as follows.
• On device power-up, and following reset, the MICDET clamp is active, due to the default setting of MICD_CLAMP_
OVD; this ensures no spurious output can occur during jack insertion. It is recommended to keep the MICDET clamp
active (MICD_CLAMP_OVD = 1) until after a jack insertion has been detected.
The MICDET_CLAMP_MODE field should be set according to the applicable JD1/JD2 signal configuration
(configured to assert the clamp when jack is removed).
• Jack insertion is indicated using the JD1/JD2 signals (assuming that the MICDET_CLAMP_MODE field has been
correctly set for the applicable JD1/JD2 signal configuration); the associated status bits can be read directly, or
associated signals can be unmasked as inputs to the interrupt controller.
After jack insertion has been detected, the applicable headset functions (headphone, microphone, accessory
detect) may then be enabled.
If the headset function requires MICBIAS to be enabled on the respective jack, the MICDET clamp should be
disabled (MICD_CLAMP_OVD = 0) immediately before enabling the MICBIAS (or immediately before enabling
MICD_ENA). Note that, if MICBIAS is not required on the respective jack, the clamp should not be disabled (e.g.,
for headphone-only operation).
• Jack removal is also indicated using the JD1/JD2 signals. The JD1/JD2 status bits can be read directly, or can be
unmasked as inputs to the interrupt controller. In this event, the MICDET clamp ensures fast and automatic silencing
of the jack outputs.
Table 4-75. MICDET Clamp and General-Purpose Switch Control
Register
Address
Bit
Label
Default
Description
R65 (0x0041)
Sequence_
control
7
WSEQ_ENA_
MICD_
CLAMP_FALL
0
MICDET Clamp (Falling) Write Sequencer Select
0 = Disabled
1 = Enabled
6
WSEQ_ENA_
MICD_
CLAMP_RISE
0
MICDET Clamp (Rising) Write Sequencer Select
0 = Disabled
1 = Enabled
R710 (0x02C6)
Micd_Clamp_
control
4MICD_
CLAMP_OVD
1
MICDET Clamp Override
0 = Disabled
1 = Enabled (clamp active)
3:0 MICD_
CLAMP_
MODE[3:0]
0000
MICDET Clamp Mode
0x0 = Disabled
0x1 = Active (MICDET1 and MICDET2 are shorted
together)
0x2–0x3 = Reserved
0x4 = Active when JD1=0
0x5 = Active when JD1=1
0x6 = Active when JD2=0
0x7 = Active when JD2=1
0x8 = Active when JD1=0 or JD2=0
0x9 = Active when JD1=0 or JD2=1
0xA = Active when JD1=1 or JD2=0
0xB = Active when JD1=1 or JD2=1
0xC = Active when JD1=0 and JD2=0
0xD = Active when JD1=0 and JD2=1
0xE = Active when JD1=1 and JD2=0
0xF = Active when JD1=1 and JD2=1
R712 (0x02C8)
GP_Switch_1
1:0 SW1_
MODE[1:0]
00
General-purpose Switch control
00 = Disabled (open)
01 = Enabled (closed)
10 = Enabled when MICDET clamp is active
11 = Enabled when MICDET clamp is not active
R6278 (0x1886)
IRQ1_Raw_
Status_7
4MICD_
CLAMP_STS1
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active
R6534 (0x1986)
IRQ2_Raw_
Status_7
4MICD_
CLAMP_STS2
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active
R6662 (0x1A06)
Interrupt_
Debounce_7
4MICD_
CLAMP_DB
0
MICDET Clamp debounce
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com