Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 150 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 150 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic CS47L35 Datasheet HTML 152Page - Cirrus Logic CS47L35 Datasheet HTML 153Page - Cirrus Logic CS47L35 Datasheet HTML 154Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 300 page
background image
150
DS1085F3
CS47L35
4.12 External Accessory Detection
Figure 4-55. Jack Detect and External Accessory Connections
The internal comparator circuit used to detect the JACKDETn status is shown in Fig. 4-56. The threshold voltages for the
jack detect circuit are noted in Table 3-11. Note that separate thresholds are defined for jack insertion and removal.
Figure 4-56. Jack Detect Comparator
4.12.2 Jack Pop Suppression (MICDET Clamp and GP Switch)
Under typical configuration of a 3.5-mm headphone/accessory jack connection, there is a risk of pops and clicks arising
from jack insertion or removal. This can occur when the headphone load makes momentary contact with the MICBIAS
output when the jack is not fully inserted.
The CS47L35 provides a MICDET clamp function to suppress pops and clicks caused by jack insertion or removal. It can
be controlled directly, or can be activated by a configurable logic function derived from external logic inputs. The clamp
status can be read using the relevant register status bit. The clamp status can also be used to trigger an interrupt (IRQ)
event or to trigger the control-write sequencer.
HPOUTL
HPOUTR
HPOUTFB1
JACKDETn
MICDET1
Note: The illustrated circuit
assumes the jack insertion
switch contacts are closed
when the jack is inserted.
* Note that the IN1Bxx analog mic
channels are recommended with the
external accessory detect function
(jack insertion switch )
MICBIASnx
2.2 k
(±2%)
C
* IN1BLP, IN1BRP
CS47L35
JACKDETn
+
-
reference
AVDD
Jack Detect logic
1M
(jack insertion switch )
Note: The illustrated circuit
assumes the jack insertion
switch contacts are closed
when jack is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com