Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 147 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 147 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic CS47L35 Datasheet HTML 150Page - Cirrus Logic CS47L35 Datasheet HTML 151Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 300 page
background image
DS1085F3
147
CS47L35
4.11 Output Signal Path
When the OUT5L or OUT5R output signal path is enabled, the PDM interface clock signal is output on the SPKCLK pin.
The output signal paths support normal and high performance operating modes, as described in Section 4.11.3. The
SPKCLK frequency is set according to the operating mode of the relevant output path, as described in Table 4-72. The
OUT5_OSR bit is defined in Table 4-66.
Note that the SPKCLK frequencies noted in Table 4-72 assume that the SYSCLK frequency is a multiple of 6.144 MHz
(SYSCLK_FRAC = 0). If the SYSCLK frequency is a multiple of 5.6448 MHz (SYSCLK_FRAC=1), the SPKCLK frequency
is scaled accordingly.
The PDM output channels can be independently muted. When muted, the default output on each channel is a
DSD-compliant silent stream (0110_1001b). The mute output code can be programmed to other values if required, using
the SPK1_MUTE_SEQ field. The mute output code can be transmitted MSB-first or LSB-first; this is selectable using the
SPK1_MUTE_ENDIAN bit.
Note that the PDM Mute function is not a soft-mute; the audio output is interrupted immediately when the PDM mute is
asserted. It is recommended to use the output signal path mute function before applying the PDM mute. See Table 4-67
for details of the OUT5L_MUTE and OUT5R_MUTE bits.
The PDM output interface registers are described in Table 4-73.
The digital speaker (PDM) outputs SPKDAT and SPKCLK are intended for direct connection to a compatible external
speaker driver. A typical configuration is shown in Fig. 4-54.
Table 4-72. SPKCLK Frequency
OUT5_OSR
Description
SPKCLK Frequency
0
Normal mode
3.072 MHz
1
High Performance mode
6.144 MHz
Table 4-73. Digital Speaker (PDM) Output Control
Register Address Bit
Label
Default
Description
R1168 (0x0490)
PDM_SPK1_
CTRL_1
13 SPK1R_MUTE
0
PDM Speaker Output 1 (Right) Mute
0 = Audio output (OUT5R)
1 = Mute Sequence output
12 SPK1L_MUTE
0
PDM Speaker Output 1 (Left) Mute
0 = Audio output (OUT5L)
1 = Mute Sequence output
8SPK1_MUTE_
ENDIAN
0
PDM Speaker Output 1 Mute Sequence Control
0 = Mute sequence is LSB first
1 = Mute sequence output is MSB first
7:0 SPK1_MUTE_
SEQ[7:0]
0x69 PDM Speaker Output 1 Mute Sequence
Defines the 8-bit code that is output on SPKDAT (left) or SPKDAT (right) when muted.
R1169 (0x0491)
PDM_SPK1_
CTRL_2
0 SPK1_FMT
0
PDM Speaker Output 1 timing format
0 = Mode A (PDM data is valid at the rising/falling edges of SPKCLK)
1 = Mode B (PDM data is valid during the high/low phase of SPKCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com