Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 145 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 145 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic CS47L35 Datasheet HTML 149Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 300 page
background image
DS1085F3
145
CS47L35
4.11 Output Signal Path
The speaker driver signal paths incorporate a boost function that shifts the signal levels between the AVDD and SPKVDD
voltage domains. The boost is preconfigured (+12 dB) for the recommended AVDD and SPKVDD operating voltages (see
Table 3-3).
Ultralow leakage and high PSRR allow the speaker supply SPKVDD to be connected directly to a lithium battery.
Note that SYSCLK must be present and enabled when using the Class D speaker output; see Section 4.16 for details of
SYSCLK and the associated control fields.
The OUT4L output signal path is associated with the analog outputs SPKOUTP and SPKOUTN.
The Class D speaker output is a pulse-width modulated signal, and requires external filtering in order to recreate the audio
signal. With a suitable choice of external speakers, the speakers themselves can provide the necessary filtering. See
Section 5 for further information on Class D speaker connections.
The external speaker connection is shown in Fig. 4-51, assuming a suitable speaker is chosen to provide the PWM
filtering.
Figure 4-51. Speaker Connection
The speaker output path is designed to support monitoring of external loudspeakers, giving real-time feedback for
algorithms such as Cirrus Logic’s speaker protection software. Specific external connections are necessary when using
this feature, as detailed below.
The Speaker Protection software, implemented on one of the integrated DSP cores, enables loudspeakers to be protected
from excessive signal levels and other electro-mechanical constraints. The monitoring circuit enables the operational limits
to be continually optimized for the particular loudspeaker and the prevailing conditions. Factors such as cone excursion,
resonance, and thermal behavior of the loudspeaker are modeled in the Speaker Protection software. As a result, the
maximum audio output can be achieved, while ensuring the loudspeakers are also fully protected from damage.
Separate P/N ground connections are provided for the speaker driver; these pins relate to the positive/negative output
transistors respectively, to allow comprehensive current monitoring in the output paths, as an input to the speaker
protection algorithms.
The external speaker connections, incorporating the output current monitoring requirements, are shown in Fig. 4-52. Note
that, if output current monitoring is not required, these connections should be tied directly to ground on the PCB.
SPKOUTP
SPKOUTN
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com