Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 142 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 142 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 300 page
background image
142
DS1085F3
CS47L35
4.11 Output Signal Path
4.11.5 Output Signal Path Noise-Gate Control
The CS47L35 provides a digital noise-gate function for each of the output signal paths. The noise gate ensures best noise
performance when the signal path is idle. When the noise gate is enabled, and the applicable signal level is below the
noise-gate threshold, the noise gate is activated, causing the signal path to be muted.
The noise-gate function is enabled by setting NGATE_ENA, as described in Table 4-69.
For each output path, the noise gate may be associated with one or more of the signal path threshold detection functions
using the x_NGATE_SRC fields. When more than one signal threshold is selected, the output-path noise gate is only
activated (i.e., muted) when all of the respective signal thresholds are satisfied.
For example, if the OUT1L noise gate is associated with the OUT1L and OUT1R signal paths, the OUT1L signal path is
only muted if both the OUT1L and OUT1R signal levels are below the respective thresholds.
The noise-gate threshold (the signal level below which the noise gate is activated) is set using NGATE_THR. Note that,
for each output path, the noise-gate threshold represents the signal level at the respective output pins; the threshold is
therefore independent of the digital volume and PGA gain settings.
Note that, although there is only one noise-gate threshold level (NGATE_THR), each of the output-path noise gates may
be activated independently, according to the respective signal content and the associated threshold configurations.
To prevent erroneous triggering, a time delay is applied before the gate is activated; the noise gate is only activated (i.e.,
muted) when the output levels are below the applicable signal level thresholds for longer than the noise-gate hold time.
The hold time is set using the NGATE_HOLD field.
When the noise gate is activated, the CS47L35 gradually attenuates the respective signal path at the rate set by OUT_
VD_RAMP (see Table 4-67). When the noise gate is deactivated, the output volume increases at the rate set by OUT_VI_
RAMP.
0x24
–46.0
0x55
–21.5
0x86
3.0
0xB7
27.5
0x25
–45.5
0x56
–21.0
0x87
3.5
0xB8
28.0
0x26
–45.0
0x57
–20.5
0x88
4.0
0xB9
28.5
0x27
–44.5
0x58
–20.0
0x89
4.5
0xBA
29.0
0x28
–44.0
0x59
–19.5
0x8A
5.0
0xBB
29.5
0x29
–43.5
0x5A
–19.0
0x8B
5.5
0xBC
30.0
0x2A
–43.0
0x5B
–18.5
0x8C
6.0
0xBD
30.5
0x2B
–42.5
0x5C
–18.0
0x8D
6.5
0xBE
31.0
0x2C
–42.0
0x5D
–17.5
0x8E
7.0
0xBF
31.5
0x2D
–41.5
0x5E
–17.0
0x8F
7.5
0xC0–0xFF
Reserved
0x2E
–41.0
0x5F
–16.5
0x90
8.0
0x2F
–40.5
0x60
–16.0
0x91
8.5
0x30
–40.0
0x61
–15.5
0x92
9.0
Table 4-68. Output Signal Path Digital Volume Range (Cont.)
Output Volume
Register
Volume (dB)
Output Volume
Register
Volume (dB)
Output Volume
Register
Volume (dB)
Output Volume
Register
Volume (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com