Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 144 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 144 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 140Page - Cirrus Logic CS47L35 Datasheet HTML 141Page - Cirrus Logic CS47L35 Datasheet HTML 142Page - Cirrus Logic CS47L35 Datasheet HTML 143Page - Cirrus Logic CS47L35 Datasheet HTML 144Page - Cirrus Logic CS47L35 Datasheet HTML 145Page - Cirrus Logic CS47L35 Datasheet HTML 146Page - Cirrus Logic CS47L35 Datasheet HTML 147Page - Cirrus Logic CS47L35 Datasheet HTML 148Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 300 page
background image
144
DS1085F3
CS47L35
4.11 Output Signal Path
4.11.7 Headphone and Earpiece Outputs
The headphone/earpiece driver outputs, HPOUTL, HPOUTR, EPOUTP, and EPOUTN, are suitable for direct connection
to external headphones and earpieces. The outputs are ground referenced, eliminating any requirement for AC coupling
capacitors.
The headphone output incorporates a common mode, or ground loop, feedback path that provides rejection of
system-related ground noise. The feedback pin must be connected to ground for normal operation of the headphone
outputs.
The ground feedback path for HPOUTL and HPOUTR is provided via the HPOUTFB1 or HPOUTFB2 pins; the applicable
connection must be selected using ACCDET_SRC, as described in Table 4-71.
Note that the selected feedback pin should be connected to GND as close as possible to the respective headphone jack
ground pin, as shown in Fig. 4-50. In mono (differential) mode, the feedback pin should be connected to the ground plane
that is closest to the earpiece output PCB tracks.
The headphone and earpiece connections are shown in Fig. 4-50.
Figure 4-50. Headphone and Earpiece Connection
4.11.8 Speaker Outputs (Analog)
The speaker driver outputs SPKOUTP and SPKOUTN provide differential (BTL) outputs suitable for direct connection to
an external loudspeaker. The integrated Class D speaker driver provides high efficiency at large signal levels.
R1105 (0x0451)
DAC_AEC_
Control_2
5:2
AEC2_LOOPBACK_
SRC[3:0]
0000
Input source for Tx AEC2 function
0000 = OUT1L
0001 = OUT1R
0110 = OUT4L
1000 = OUT5L
1001 = OUT5R
All other codes are reserved
1
AEC2_ENA_STS
0
Transmit (Tx) Path AEC2 Control Status
0 = Disabled
1 = Enabled
0
AEC2_LOOPBACK_
ENA
0
Transmit (Tx) Path AEC2 Control
0 = Disabled
1 = Enabled
Table 4-71. Headphone Output (HPOUT) Ground Feedback Control
Register Address
Bit
Label
Default
Description
R659 (0x0293)
Accessory_
Detect_Mode_1
13
ACCDET_SRC
0
Accessory Detect/Headphone Feedback pin select
0 = Accessory detect on MICDET1; Headphone ground feedback on HPOUTFB1
1 = Accessory detect on MICDET2; Headphone ground feedback on HPOUTFB2
Table 4-70. Output Signal Path AEC Loop-Back Control (Cont.)
Register Address
Bit
Label
Default
Description
Earpiece
The HPOUTFB1 or HPOUTFB2 pin is
selected by the ACCDET_SRC register bit.
HPOUTL
HPOUTR
HPOUTFB1
HPOUTFB2
EPOUTP
EPOUTN
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com