Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 136 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 136 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic CS47L35 Datasheet HTML 139Page - Cirrus Logic CS47L35 Datasheet HTML 140Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 300 page
background image
136
DS1085F3
CS47L35
4.11 Output Signal Path
Figure 4-49. Output Signal Paths
Digital Core
OUT5L output
OUT5R output
OUT5_OSR
0 = Normal mode
1 = High Performance
OUT4L output
SPKOUTP
SPKOUTN
EPOUTP
OUT1L output
OUT1R output
HPOUTL
SPK 1_MUTE_ENDIAN
SPK 1_MUTE_SEQ
SPK 1L_MUTE
SPK 1R_MUTE
SPKCLK
SPKDAT
SPK1_FMT
OUT5L_ENA
OUT5R_ENA
Mute Sequence
HPOUTR
EPOUTN
OUT1_MONO
OUT5L_VOL [6:0]
OUT5R_VOL [6:0]
OUT4L_VOL [6:0]
OUT1L_VOL [6:0]
OUT1R_VOL [6:0]
DAC
SPKOUTL_ENA
HP1L_ENA
HP1L_ENA
HP1R_ENA
HP1R_ENA
AEC
Loopback
inputs
AEC1_LOOPBACK _ENA
AEC1_LOOPBACK _SRC [1:0]
AEC2_LOOPBACK _ENA
AEC2_LOOPBACK _SRC [1:0]
HPOUTFB1/MICDET2
EP_SEL
DAC
DAC
PDM Output
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com