Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 134 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 134 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic CS47L35 Datasheet HTML 136Page - Cirrus Logic CS47L35 Datasheet HTML 137Page - Cirrus Logic CS47L35 Datasheet HTML 138Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 300 page
background image
134
DS1085F3
CS47L35
4.11 Output Signal Path
Under normal operating conditions, the SLIMbus interface operates with a fixed root frequency (RF); dynamic updates to
the bus rate are applied using a selectable clock gear (CG) function. The root frequency and the clock gear setting are
controlled by the manager device; these parameters are transmitted in every SLIMbus superframe to all devices on the
bus.
In Gear 10 (the highest clock gear setting), the SLIMCLK input frequency is equal to the root frequency. In lower gears,
the SLIMCLK frequency is reduced by increasing powers of 2.
The clock gear definition is shown in Table 4-61.
Note: The 24.576-MHz root frequency is an example only; other frequencies are also supported.
The SLIMCLK input can be used to provide a reference source for the FLL. The frequency of this reference is controlled
using SLIMCLK_REF_GEAR, as described in Table 4-62.
The input clock reference for the FLL is selected by using FLL1_REFCLK_SRC. If SLIMbus is selected as the clock
source, the reference signal is generated using an adaptive divider on the SLIMCLK input. The divider automatically
adapts to the SLIMbus clock gear (CG). If the clock gear on the bus is lower than the SLIMCLK_REF_GEAR, the selected
reference frequency cannot be supported, and the SLIMbus clock reference is disabled.
See Section 4.16 for details of system clocking and the FLL.
4.11 Output Signal Path
The CS47L35 provides three audio output signal paths. These outputs comprise ground-referenced headphone/earpiece
drivers, differential speaker driver, and a digital output interface suitable for external speaker drivers. The output signal
paths are summarized in Table 4-63.
The analog output paths incorporate high performance 24-bit sigma-delta DACs.
Table 4-61. SLIMbus Clock Gear Selection
Clock Gear
Description
SLIMCLK Frequency 1
1.Assuming 24.576-MHz root frequency
10
Divide by 1
24.576 MHz
9
Divide by 2
12.288 MHz
8
Divide by 4
6.144 MHz
7
Divide by 8
3.072 MHz
6
Divide by 16
1.536 MHz
5
Divide by 32
768 kHz
4
Divide by 64
384 kHz
3
Divide by 128
192 kHz
2
Divide by 256
96 kHz
1
Divide by 512
48 kHz
Table 4-62. SLIMbus Clock Reference Control
Register Address
Bit
Label
Default
Description
R1507 (0x05E3)
SLIMbus_Framer_
Ref_Gear
3:0
SLIMCLK_REF_
GEAR[3:0]
0x0
SLIMbus Clock Reference control. Sets the SLIMbus reference clock relative to
the SLIMbus Root Frequency (RF).
0x0 = Clock stopped
0x1 = Gear 1. (RF/512)
0x2 = Gear 2. (RF/256)
0x3 = Gear 3. (RF/128)
0x4 = Gear 4. (RF/64)
0x5 = Gear 5. (RF/32)
0x6 = Gear 6. (RF/16)
0x7 = Gear 7. (RF/8)
0x8 = Gear 8. (RF/4)
0x9 = Gear 9. (RF/2)
0xA = Gear 10. (RF)
All other codes are reserved
Table 4-63. Output Signal Path Summary
Signal Path
Descriptions
Output Pins
OUT1L, OUT1R
Ground-referenced headphone/earpiece output
HPOUTL, HPOUTR or EPOUTP, EPOUTN
OUT4L
Differential speaker output
SPKOUTN, SPKOUTP
OUT5L, OUT5R
Digital speaker (PDM) output
SPKDAT, SPKCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com