Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 131 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 131 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic CS47L35 Datasheet HTML 132Page - Cirrus Logic CS47L35 Datasheet HTML 133Page - Cirrus Logic CS47L35 Datasheet HTML 134Page - Cirrus Logic CS47L35 Datasheet HTML 135Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 300 page
background image
DS1085F3
131
CS47L35
4.10 SLIMbus Interface Control
Note: SLIMbus audio channels can be supported only when the corresponding ports have been enabled by the manager
device (i.e., in addition to setting the respective enable bits). The status bits in Registers R1527 and R1528
indicate the status of each of the SLIMbus ports.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The SLIMbus audio paths
should be kept disabled (SLIMRXn_ENA = 0, SLIMTXn_ENA = 0) if SYSCLK is not enabled. See Section 4.16 for details
of the system clocks (including requirements for reconfiguring SYSCLK while audio paths are enabled).
4.10.6 SLIMbus Control Register Access
Control register access is supported via the SLIMbus interface. Full read/write access to all registers is possible, via the
user value elements portion of the value map.
If the SLIMbus interface is used to access the DSP firmware memory registers, a system clocking constraint must be
observed: the DSPCLK frequency, if enabled, must be greater than 1.3 x RF, where RF is the SLIMbus root frequency.
Note that, if DSPCLK is disabled (DSP_CLK_ENA = 0), or if accessing other areas of the register map, the timing
constraint is not applicable. See Section 4.4 for details of the DSP Firmware memory. See Section 4.16 for details of the
DSPCLK signal.
Register write operations are implemented using the CHANGE_VALUE message. A maximum of two messages may be
required, depending on circumstances: the first CHANGE_VALUE message selects the register page (bits [23:8] of the
control register address); the second message contains the data and bits [7:0] of the register address. The first message
may be omitted if the register page is unchanged from the previous read or write operation.
The required SLIMbus parameters are described in Table 4-55 and Table 4-56, for the generic case of writing the value
0xVVVV to control register address 0xYYYYZZ. Note that it is also possible to write blocks of up to 16 bytes (to consecutive
register addresses), as described below.
Table 4-54. SLIMbus Signal Path Enable
Register Address
Bit
Label
Default
Description
R1525 (0x05F5)
SLIMbus_RX_
Channel_Enable
5
SLIMRX6_ENA
0
SLIMbus RX Channel n Enable
0 = Disabled
1 = Enabled
4
SLIMRX5_ENA
0
3
SLIMRX4_ENA
0
2
SLIMRX3_ENA
0
1
SLIMRX2_ENA
0
0
SLIMRX1_ENA
0
R1526 (0x05F6)
SLIMbus_TX_
Channel_Enable
5
SLIMTX6_ENA
0
SLIMbus TX Channel n Enable
0 = Disabled
1 = Enabled
4SLIMTX5_ENA
0
3SLIMTX4_ENA
0
2SLIMTX3_ENA
0
1SLIMTX2_ENA
0
0SLIMTX1_ENA
0
R1527 (0x05F7)
SLIMbus_RX_
Port_Status
5
SLIMRX6_PORT_STS
0
SLIMbus RX Channel n Port Status
(Read only)
0 = Disabled
1 = Configured and active
4
SLIMRX5_PORT_STS
0
3
SLIMRX4_PORT_STS
0
2
SLIMRX3_PORT_STS
0
1
SLIMRX2_PORT_STS
0
0
SLIMRX1_PORT_STS
0
R1528 (0x05F8)
SLIMbus_TX_
Port_Status
5
SLIMTX6_PORT_STS
0
SLIMbus TX Channel n Port Status
(Read only)
0 = Disabled
1 = Configured and active
4SLIMTX5_PORT_STS
0
3SLIMTX4_PORT_STS
0
2SLIMTX3_PORT_STS
0
1SLIMTX2_PORT_STS
0
0SLIMTX1_PORT_STS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com