Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 127 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 127 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 123Page - Cirrus Logic CS47L35 Datasheet HTML 124Page - Cirrus Logic CS47L35 Datasheet HTML 125Page - Cirrus Logic CS47L35 Datasheet HTML 126Page - Cirrus Logic CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic CS47L35 Datasheet HTML 130Page - Cirrus Logic CS47L35 Datasheet HTML 131Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 300 page
background image
DS1085F3
127
CS47L35
4.9 SLIMbus Control Sequences
• The CHANGE_VALUE (EC, VU) message is used to write data to a specified element in the value map. The payload
of this message contains the element code (EC) and the value update (VU). The value update bytes contain the
new value of the applicable parameter.
4.9.4
Frame and Clocking Management
This section describes the SLIMbus messages associated with changing the frame or clocking configuration. One or more
configuration messages may be issued as part of a reconfiguration sequence; all of the updated parameters become
active at once, when the reconfiguration boundary is reached.
• The BEGIN_RECONFIGURATION message is issued to define a reconfiguration boundary point: subsequent
NEXT_* messages become active at the first valid superframe boundary following receipt of the RECONFIGURE_
NOW message. (A valid boundary must be at least two slots after the end of the RECONFIGURE_NOW message.)
Both of these messages have no payload content.
• The NEXT_ACTIVE_FRAMER (LAIF, NCo, NCi) message is used to select a new device as the active framer. The
payload of this message includes the logical address, incoming framer (LAIF). Two other fields (NCo, NCi) define
the number of clock cycles for which the CLK line shall be inactive during the handover.
• The NEXT_SUBFRAME_MODE (SM) and NEXT_CLOCK_GEAR (CG) messages are used to reconfigure the
SLIMbus clocking or framing definition. The payload of each is the respective subframe mode (SM) or clock gear
(CG) respectively.
• The NEXT_PAUSE_CLOCK (RT) message instructs the active framer to pause the bus. The payload of the
message contains the restart time (RT), which indicates whether the interruption is to be of a specified time and/or
phase duration.
• The NEXT_RESET_BUS message instructs all components on the bus to be reset. In this case, all devices on the
bus are reset and are disconnected from the bus. Subsequent reconnection to the bus follows the same process as
when the bus is first initialized.
• The NEXT_SHUTDOWN_BUS message instructs all devices that the bus is to be shut down.
4.9.5
Data Channel Configuration
This section describes the SLIMbus messages associated with configuring a SLIMbus data channel. Note that the
manager device is responsible for allocating the available bandwidth as required for each data channel.
• The CONNECT_SOURCE (PN, CN) and CONNECT_SINK (PN, CN) messages are issued to the respective
devices, defining the ports between which a data channel is to be established. Note that multiple destinations (sinks)
can be configured for a channel, if required. The payload of each message contains the port number (PN) and the
channel number (CN) parameters.
• The BEGIN_RECONFIGURATION message is issued to define a Reconfiguration Boundary point: subsequent
NEXT_* messages become active at the first valid superframe boundary following receipt of the RECONFIGURE_
NOW message. A valid boundary must be at least two slots after the end of the RECONFIGURE_NOW message.
• The NEXT_DEFINE_CHANNEL (CN, TP, SD, SL) message informs the associated devices of the structure of the
data channel. The payload of this message contains the channel number (CN), TP, SD, and SL parameters for the
data channel.
• The NEXT_DEFINE_CONTENT (CN, FL, PR, AF, DT, CL, DL), or CHANGE_CONTENT (CN, FL, PR, AF, DT, CL,
DL) message provides more detailed information about the data channel contents. The payload of this message
contains the channel number (CN), frequency locked (FL), presence rate (PR), auxiliary bits format (AF), data type
(DT), channel link (CL), and data length (DL) parameters.
• The NEXT_ACTIVATE_CHANNEL (CN) message instructs the channel to be activated at the next reconfiguration
boundary. The payload of this message contains the channel number (CN) only.
• The RECONFIGURE_NOW message completes the reconfiguration sequence, causing all of the NEXT_
messages since the BEGIN_RECONFIGURATION to become active at the next valid superframe boundary. (A
valid boundary must be at least two slots after the end of the RECONFIGURE_NOW message.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com