Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 125 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 125 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 121Page - Cirrus Logic CS47L35 Datasheet HTML 122Page - Cirrus Logic CS47L35 Datasheet HTML 123Page - Cirrus Logic CS47L35 Datasheet HTML 124Page - Cirrus Logic CS47L35 Datasheet HTML 125Page - Cirrus Logic CS47L35 Datasheet HTML 126Page - Cirrus Logic CS47L35 Datasheet HTML 127Page - Cirrus Logic CS47L35 Datasheet HTML 128Page - Cirrus Logic CS47L35 Datasheet HTML 129Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 300 page
background image
DS1085F3
125
CS47L35
4.9 SLIMbus Control Sequences
The segment interval gives rise to segment windows for each data channel, aligned to the start of every superframe. The
segment window boundaries define the times within which each new data sample must be buffered, ready for
transmission—adherence to these fixed boundaries allows slot allocations to be moved within a segment window, without
altering the signal latency. The segment interval may be either shorter or longer than the frame length, but there is always
an integer number of segment windows per superframe.
The TP defines the flow control or handshaking method used by the ports associated with a data channel. The applicable
flow control modes depend on the relationship between the audio sample rate (flow rate) and the SLIMbus CLK frequency.
If the two rates are synchronized and integer related, no flow control is needed. In other cases, the flow may be regulated
by the use of a presence bit, which can be set by the source device (pushed protocol), or by the sink device (pulled
protocol).
The data-channel structure is defined in terms of the TP, SD, and SL parameters.
The data-channel content definition includes a presence rate (PR) parameter (describing the nominal sample rate for the
audio channel) and a frequency locked (FL) bit (identifying whether the data source is synchronized to the SLIMbus CLK).
The data length (DL) parameter defines the size of each data sample (number of slots). The auxiliary bits format (AF) and
data type (DT) parameters provide support for non-PCM encoded data channels; the channel link (CL) parameter is an
indicator that channel CN is related to the previous channel, CN-1.
For a given root frequency and clock gear, the SL and SD parameters define the amount of SLIMbus bandwidth that is
allocated to a given data channel. The minimum bandwidth requirements of a data channel are represented by the
presence rate (PR) and data length (DL) parameters. The allocated SLIMbus bandwidth must be equal to or greater than
the bandwidth of the data to be transferred.
The segment interval defines the repetition rate of the SLIMbus slots allocated to consecutive data samples for a given
data channel. The presence rate (PR) is the nominal sample rate of the audio path. The segment rate (determined by the
segment interval value) must be equal to or greater than the presence rate for a given data channel. The following
constraints must be observed when configuring a SLIMbus channel:
• If pushed or pulled transport protocol is selected, the segment rate must be greater than the presence rate to ensure
that samples are not dropped as a result of clock drift.
• If isochronous transport protocol is selected, the segment rate must be equal to the presence rate. Isochronous
transport protocol should be selected only if the data source is frequency locked to the SLIMbus CLK (i.e., the data
source is synchronized to the SLIMbus framer device).
4.9 SLIMbus Control Sequences
This section describes the messages and general protocol associated with the SLIMbus system.
Note: The SLIMbus specification permits flexibility in core message support for different components. See Section 4.10
for details regarding which messages are supported on each of the SLIMbus devices present on the CS47L35.
4.9.1
Device Management and Configuration
This section describes the SLIMbus messages associated with configuring all devices on the SLIMbus interface.
When the SLIMbus interface starts up, it is required that only one component provides the manager and framer device
functions. Other devices can request connection to the bus after they have gained synchronization.
The REPORT_PRESENT (DC, DCV) message may be issued by devices attempting to connect to the bus. The payload
of this message contains the device class (DC) and device class version (DCV) parameters, describing the type of device
that is attempting to connect. This message may be issued autonomously by the connecting device, or else in response
to a REQUEST_SELF_ANNOUNCEMENT message from the manager device.
After positively acknowledging the REPORT_PRESENT message, the manager device then issues the ASSIGN_
LOGICAL_ADDRESS (LA) message to allow the other device to connect to the bus. The payload of this message contains
the logical address (LA) parameter only; this is the unique address by which the connected device sends and receives
SLIMbus messages. The device is then said to be enumerated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com